Electronic Components Datasheet Search
  English  ▼

X  

MIC2145 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC2145
Description  High Efficiency 2.5W Boost Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2145 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC2145 Datasheet HTML 5Page - Micrel Semiconductor MIC2145 Datasheet HTML 6Page - Micrel Semiconductor MIC2145 Datasheet HTML 7Page - Micrel Semiconductor MIC2145 Datasheet HTML 8Page - Micrel Semiconductor MIC2145 Datasheet HTML 9Page - Micrel Semiconductor MIC2145 Datasheet HTML 10Page - Micrel Semiconductor MIC2145 Datasheet HTML 11Page - Micrel Semiconductor MIC2145 Datasheet HTML 12Page - Micrel Semiconductor MIC2145 Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
April 2005
9
M9999-042205
MIC2145
Micrel, Inc.
Bootstrap
A bootstrapped configuration is recommended for applica-
tions that require high efficiency at heavy loads (>70mA).
This is achieved by connecting the V
DD pin to VOUT (see
L1
10µH
Sumida
CR43-100
MIC2145
D1
On Semiconductor
MBR0530T1
RSET
EN
VDD
SW
R4
1M
R3
274k
C3
100pF
VOUT
5V/250mA
PGND
FB
SGND
R1
100k
VIN
3.6V
SS
C2
0.01µF
C1
10µF/6.3V
Murata
GRM42-6 X5R 106K 6.3
R2
10k
C4
10µF/6.3V
Murata
GRM42-6 X5R 106K 6.3
Figure 6. Basic Configuration
L1
10µH
Sumida
CR43-100
MIC2145
D1
On Semiconductor
MBR0530T1
RSET
SGND
PGND
SW
R4
1M
R1
100k
C3
100pF
VOUT
5V/350mA
VDD
EN
FB
VIN
3.6V
SS
C2
0.01µF
C1
10µF/6.3V
Murata
GRM42-6 X5R 106K 6.3
R2
10k
R3
274k
C4
10µF/6.3V
Murata
GRM42-6 X5R 106K 6.3
Figure 7. Bootstrap Configuration
Figure 7). For applications that require high efficiency at light
loads (<70mA), the V
DD pin is connected to the input voltage
(V
IN); this is referred to as the basic configuration (see Figure
6).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com