Electronic Components Datasheet Search
  English  ▼

X  

EM640FP8 Datasheet(PDF) 3 Page - Emerging Memory & Logic Solutions Inc

Part # EM640FP8
Description  512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM640FP8 Datasheet(HTML) 3 Page - Emerging Memory & Logic Solutions Inc

  EM640FP8 Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM640FP8 Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM640FP8 Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM640FP8 Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM640FP8 Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM640FP8 Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM640FP8 Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM640FP8 Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM640FP8 Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
EM640FP8 Series
Low Power, 512Kx8 SRAM
3
merging Memory & Logic Solutions Inc.
merging Memory & Logic Solutions Inc.
ABSOLUTE MAXIMUM RATINGS *
* Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. Functional
operation should be restricted to recommended operating condition. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
Parameter
Symbol
Ratings
Unit
Voltage on Any Pin Relative to Vss
VIN, VOUT
-0.5V to VCC+0.3V (Max.2.5V)
V
Voltage on Vcc supply relative to Vss
VCC
-0.3V to 2.5V
V
Power Dissipation
P
D
1.0
W
Operating Temperature
TA
-40 to 85
oC
FUNCTIONAL DESCRIPTION
Note: X means don’t care. (Must be low or high state)
CS
1
CS
2
OE
WE
I/O
Mode
Power
H
X
X
X
High-Z
Deselected
Stand by
X
L
X
X
High-Z
Deselected
Stand by
L
H
H
H
High-Z
Output Disabled
Active
L
H
L
H
Data Out
Read
Active
L
H
X
L
Data In
Write
Active



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com