Electronic Components Datasheet Search
  English  ▼

X  

MIC2289C Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2289C
Description  White LED Driver Internal Schottky Diode and OVP
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2289C Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2289C Datasheet HTML 1Page - Micrel Semiconductor MIC2289C Datasheet HTML 2Page - Micrel Semiconductor MIC2289C Datasheet HTML 3Page - Micrel Semiconductor MIC2289C Datasheet HTML 4Page - Micrel Semiconductor MIC2289C Datasheet HTML 5Page - Micrel Semiconductor MIC2289C Datasheet HTML 6Page - Micrel Semiconductor MIC2289C Datasheet HTML 7Page - Micrel Semiconductor MIC2289C Datasheet HTML 8Page - Micrel Semiconductor MIC2289C Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Micrel, Inc.
MIC2289C
August 2007
4
M9999-081507-B
Typical Characteristics
90
91
92
93
94
95
96
97
98
99
100
02468
10
12
V
IN (V)
Feedback Voltage
vs. Input Voltage
0
1
2
3
4
5
02468
10
12
V
IN (V)
Shutdown Voltage
vs. Input Voltage
0
1
2
3
4
5
02468
10
12
V
IN (V)
Quiescent Current
vs. Input Current
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
-40 -20
0
20
40 60 80 100
TEMPERATURE (°C)
Switch Frequency
vs. Temperature
0
5
10
15
20
25
30
35
40
45
50
-50
0
50
100
TEMPERATURE (°C)
EN Pin Bias Current
vs. Temperature
I
EN
=4.2V
I
EN
=3.6V
I
EN
=3.0V
I
EN
=10V
0
100
200
300
400
500
600
700
SCHOTTKY FORWARD VOLTAGE DROP (mV)
Schottky Forward
Voltage Drop
0
0.5
1
1.5
2
2.5
30 40 50 60 70 80 90 100
TEMPERATURE (°C)
Schottky Reverse
Leakage Current
V
R =25V
V
R = 10V
V
R = 16V
300
350
400
450
500
550
-40
0
40
80
120
TEMPERATURE (°C)
Saturation Voltage
vs. Temperature
I
SW = 500mA
600
650
700
750
800
850
900
-40
0
40
80
120
TEMPERATURE (°C)
Current Limit
vs. Temperature
V
IN
=2.5V
0
100
200
300
400
500
600
0
100
200
300
400
500
I
SW (mA)
Switch Saturation Voltage
vs. Current
V
IN =2.5V
V
IN =5V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com