Electronic Components Datasheet Search
  English  ▼

X  

MIC2292C Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC2292C
Description  High Frequency PWM White LED Drivers with Internal Schottky Diode and OVP
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2292C Datasheet(HTML) 6 Page - Micrel Semiconductor

  MIC2292C Datasheet HTML 1Page - Micrel Semiconductor MIC2292C Datasheet HTML 2Page - Micrel Semiconductor MIC2292C Datasheet HTML 3Page - Micrel Semiconductor MIC2292C Datasheet HTML 4Page - Micrel Semiconductor MIC2292C Datasheet HTML 5Page - Micrel Semiconductor MIC2292C Datasheet HTML 6Page - Micrel Semiconductor MIC2292C Datasheet HTML 7Page - Micrel Semiconductor MIC2292C Datasheet HTML 8Page - Micrel Semiconductor MIC2292C Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Micrel, Inc.
MIC2292/93C
September 2006
6
M9999-090706
Functional Diagram
GND
VREF
PWM
Generator
Ramp
Generator
1.6MHz
or
2.0MHz
Oscillator
SW
EN
FB
OUT
VIN
95mV
gm
OVP
S
MIC2292/93C Block Diagram
Functional Description
The MIC2292/93C is a constant frequency, PWM current
mode boost regulator. The block diagram is shown
above. The MIC2292/93C is composed of an oscillator,
slope compensation ramp generator, current amplifier,
gm error amplifier, PWM generator, 500mA bipolar
output transistor, and Schottky rectifier diode. The
oscillator generates a 1.6MHz clock for the MIC2292C
and a 2.0MHz clock for the MIC2293C. The clocks' two
functions are to trigger the PWM generator that turns on
the
output
transistor
and
to
reset
the
slope
compensation ramp generator. The current amplifier is
used to measure the switch current by amplifying the
voltage signal from the internal sense resistor. The
output of the current amplifier is summed with the output
of the slope compensation ramp generator. This
summed current-loop signal is fed to one of the inputs of
the PWM generator.
The gm error amplifier measures the LED current
through the external sense resistor and amplifies the
error between the detected signal and the 95mV
reference voltage. The output of the gm error amplifier
provides the voltage-loop signal that is fed to the other
input of the PWM generator. When the current-loop
signal exceeds the voltage-loop signal, the PWM
generator turns off the bipolar output transistor. The next
clock
period
initiates
the
next
switching
cycle,
maintaining the constant frequency current-mode PWM
control. The LED is set by the feedback resistor:
FB
LED
R
95mW
I
=
The Enable pin shuts down the output switching and
disables control circuitry to reduce input current to
leakage levels. Enable pin input current is zero at zero
volts.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com