Electronic Components Datasheet Search
  English  ▼

X  

MIC2570 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2570
Description  Two-Cell Switching Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2570 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2570 Datasheet HTML 1Page - Micrel Semiconductor MIC2570 Datasheet HTML 2Page - Micrel Semiconductor MIC2570 Datasheet HTML 3Page - Micrel Semiconductor MIC2570 Datasheet HTML 4Page - Micrel Semiconductor MIC2570 Datasheet HTML 5Page - Micrel Semiconductor MIC2570 Datasheet HTML 6Page - Micrel Semiconductor MIC2570 Datasheet HTML 7Page - Micrel Semiconductor MIC2570 Datasheet HTML 8Page - Micrel Semiconductor MIC2570 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
MIC2570
Micrel, Inc.
MIC2570
2
August 2007
Ordering Information
Part Number
Temperature
Range
Voltage
Frequency
Package
Standard
Pb-Free
MIC2570-1BM
MIC2570-1YM
–40ºC to +85ºC
Selectable*
20kHz
8-pin SOIC
MIC2570-2BM
MIC2570-2YM
–40ºC to +85ºC
Adjustable
20kHz
8-pin SOIC
* Externally selectable for 2.85V, 3.3V, or 5V
Pin Configuration
1
2
3
4
8
7
6
5
S W
GND
NC
5V
IN
S Y NC
2.85V
3.3V
MIC2570-1
Selectable Voltage
20kHz Frequency
1
2
3
4
8
7
6
5
IN
S Y NC
FB
NC
S W
GND
NC
NC
MIC2570-2
Adjustable Voltage
20kHz Frequency
8-Lead SOIC (M)
Pin Description
Pin No. (Version†)
Pin Name
Pin Function
1
SW
Switch: NPN output switch transistor collector.
2
GND
Power Ground: NPN output switch transistor emitter.
3
NC
Not internally connected.
4 (-1)
5V
5V Feedback (Input): Fixed 5V feedback to internal resistive divider.
4 (-2)
NC
Not internally connected.
5 (-1)
3.3V
3.3V Feedback (Input): Fixed 3.3V feedback to internal resistive divider.
5 (-2)
NC
Not internally connected.
6 (-1)
2.85V
2.85V Feedback (Input): Fixed 2.85V feedback to internal resistive divider.
6 (-2)
FB
Feedback (Input): 0.22V feedback from external voltage divider network.
7
SYNC
Synchronization (Input): Oscillator start timing. Oscillator synchronizes to
falling edge of sync signal.
8
IN
Supply (Input): Positive supply voltage input.
† Example: (-1) indicates the pin description is applicable to the MIC2570-1 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com