Electronic Components Datasheet Search
  English  ▼

X  

MIC2775 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2775
Description  Micro-Power Voltage Supervisor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2775 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2775 Datasheet HTML 1Page - Micrel Semiconductor MIC2775 Datasheet HTML 2Page - Micrel Semiconductor MIC2775 Datasheet HTML 3Page - Micrel Semiconductor MIC2775 Datasheet HTML 4Page - Micrel Semiconductor MIC2775 Datasheet HTML 5Page - Micrel Semiconductor MIC2775 Datasheet HTML 6Page - Micrel Semiconductor MIC2775 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
November 2005
3
MIC2775
MIC2775
Micrel, Inc.
Absolute Maximum Ratings (Note 1)
Supply Voltage (VDD).......................................–0.3V to +7V
Input Voltage (V/MR) ........................................–0.3V to +7V
RST, (/RST) Current ................................................... 20mA
Storage Temperature (TS) ........................ –65°C to +150°C
ESD Rating,
Note 3.................................................... 1.5kV
Operating Ratings (Note 2)
Supply Voltage (VDD) .................................. +1.5V to +5.5V
Input Voltage (V/MR) .....................................–0.3V to +6.0V
Ambient Temperature Range (TA) .............. –40°C to +85°C
Package Thermal Resistance (θJA).......................256°C/W
Electrical Characteristics
Note 5; TA = +25°C, bold values indicate –40°C ≤ TA ≤ +85°C; unless noted
Symbol
Parameter
Condition
Min
Typ
Max
Units
IDD
Supply Current
VDD = VTH +1.6%, /MR, RST, /RST
3.5
µA
open, Note 5
VDD VOLTAGE THRESHOLD
Under-Voltage Threshold On VDD
VTH–1.5% VTH VTH+1.5%
V
V
VHYST
Hysteresis Voltage
1
%
RST, /RST OUTPUTS
tPROP
Propagation Delay
VDD = VTH + 1.5% + 100mV to
20
µs
VDD = VTH – 1.5% - 100 mV
tRST
Reset Pulse Width
140
280
ms
VOL
RST or /RST Output Voltage Low
ISINK = 1.6mA;
0.3
V
VDD ≥ 1.6V
ISINK = 100µA;
0.3
V
VDD ≥ 1.2V; Note 4
VOH
RST or /RST Output Voltage High
ISOURCE = 500µA;
0.8VDD
V
VDD ≥ 1.5V
ISOURCE = 10µA;
0.8VDD
V
VDD ≥ 1.2V; Note 4
/MR INPUT
VIH
Input High Voltage
0.7VDD
V
VIL
Input Low Voltage
0.3VDD
V
tPROP
Propagation Delay
From V/MR < (VIL –100mV)
5
µs
tMIN
Minimum Input Pulse Width
Reset Occurs, V/MR < VIL
33
ns
IPU
Internal Pull-up Current
100
nA
IIN
Input Current, /MR
V/MR < VIL
100
nA
Note 1. Exceeding the absolute maximum rating may damage the device.
Note 2. The device is not guaranteed to function outside its operating rating.
Note 3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
Note 4. VDD operating range is 1.5V to 5.5V. Output is guaranteed to be asserted down to VDD = 1.2V.
Note 5. VDD equals nominal “ Typical Application (VDD)” as shown in “Standard Voltage Options Table.”



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com