Electronic Components Datasheet Search
  English  ▼

X  

MIC2778 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2778
Description  Voltage Monitor with Adjustable Hysteresis
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2778 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2778 Datasheet HTML 1Page - Micrel Semiconductor MIC2778 Datasheet HTML 2Page - Micrel Semiconductor MIC2778 Datasheet HTML 3Page - Micrel Semiconductor MIC2778 Datasheet HTML 4Page - Micrel Semiconductor MIC2778 Datasheet HTML 5Page - Micrel Semiconductor MIC2778 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
January 2005
3
M9999-011405
MIC2778
Micrel
Absolute Maximum Ratings (Note 1)
Supply Voltage (VDD).......................................–0.3V to +7V
Input Voltages (VHI, VLO).................................–0.3V to +7V
RST Output Current (IRST) ......................................... 20mA
Storage Temperature (TS) ........................ –65°C to +150°C
ESD Rating,
Note 3....................................................... 2kV
Operating Ratings (Note 2)
Supply Voltage (VDD) .................................. +1.5V to +5.5V
Input Voltages (VRST, VLTH, VHTH)................–0.3V to +6.0V
Ambient Temperature Range (TA) .............. –40°C to +85°C
Package Thermal Resistance................................ 256°C/W
Electrical Characteristics
1.5V ≤ VDD ≤ 5.5V; TA = +25°C, bold values indicate –40°C ≤ TA ≤ +85°C; unless noted
Symbol
Parameter
Condition
Min
Typ
Max
Units
IDD
Supply Current
RST not asserted
1
2
µA
ILTH, IHTH
Input Leakage Current
5
pA
10
nA
VREF
Reference Voltage
1.240
V
MIC2778-2
1.215
1.265
V
MIC2778-1
1.228
1.252
V
tD
Propagation Delay
VLTH = VREF(max) +100mV to
5
µs
VREF(min) – 100mV
tRESET
Reset Pulse Width
140
420
ms
VRST
Voltage-Low Reset
RST asserted, ISINK = 1.6mA, VDD ≥ 1.6V
0.3
V
RST asserted, ISINK = 100µA, VDD ≥ 1.2V,
0.4
V
Note 1. Exceeding the absolute maximum rating may damage the device.
Note 2. The device is not guaranteed to function outside its operating rating.
Note 3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
Note 4. VDD operating range is 1.5V to 5.5V. Output is guaranteed to be held low down to VDD = 1.2V.
Timing Diagram
VHTH
VBATT
VLTH
0V
VRSTH
VRSTL
tRST
tRST
A
A
VRST
Propagation delays not shown for clarity.
Note A. The MIC2778 ignores very brief transients.
See “Applications Information” for details.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com