Electronic Components Datasheet Search
  English  ▼

X  

MIC2981 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2981
Description  High-Voltage High-Current Source Driver Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2981 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2981 Datasheet HTML 1Page - Micrel Semiconductor MIC2981 Datasheet HTML 2Page - Micrel Semiconductor MIC2981 Datasheet HTML 3Page - Micrel Semiconductor MIC2981 Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
June 2005
3
MIC2981/2982
MIC2981/2982
Micrel, Inc.
Absolute Maximum Ratings
Supply Voltage (V
S) ...................................................... 50V
Output Voltage (V
CE) .................................................... 50V
Continuous Output Current (I
C) ................................ 500mA
Input Voltage (V
IN)
MIC2981/82 ............................................................... 30V
Ground Current (I
GND) .................................................... 3A
Junction Temperature (T
J) ...................................... +150°C
Storage Temperature (T
S) ....................... –65°C to +150°C
Operating Ratings
Supply Voltage (V
S) ............................................ 5V to 50V
Ambient Temperature (T
A) ......................... –40°C to +85°C
Package Thermal Resistance
PDIP θJA .............................................................. 56°C/W
SOP θJA .............................................................. 84°C/W
Electrical Characteristics(Note 3)
V
S = 50V, TA = +25°C, unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
CEX
Output Leakage Current
V
IN = 0.4V, TA = +70°C, Note 1
200
µA
V
CE(sus)
Output Sustaining Voltage
I
OUT = 45mA
35
V
V
CE(sat)
Collector-Emitter Saturation Voltage
V
IN = 2.4V, IOUT = 100mA
1.7
2.0
V
V
IN = 2.4V, IOUT = 225mA
1.8
2.1
V
V
IN = 2.4V, IOUT = 350mA
1.9
2.2
V
I
IN(on)
Input Current
MIC2981
V
IN = 2.4V
140
200
µA
V
IN = 3.85
310
450
µA
MIC2982
V
IN = 2.4V
140
200
µA
V
IN = 12V
1.25
1.93
mA
I
OUT
Output Source Current
V
IN = 2.4V, VCE = 2.2V
350
mA
I
S
Supply Current
V
IN = 2.4, OUT1–8 = open, Note 1
10
mA
t
ON
Turn-On Delay
0.5E
IN to 0.5EOUT, RL = 100Ω, VS = 35V,
1.0
2.0
µs
t
OFF
Turn-Off Delay
0.5E
IN to 0.5EOUT, RL = 100Ω, VS = 35V,
5.0
10
µs
Note 2
I
R
Clamp Diode Leakage Current
V
R = 50V, VIN = 0.4V, Note 1
50
µA
V
F
Clamp Diode Forward Voltage
I
F = 350mA
1.5
2.0
V
General Note: Devices are ESD protected; however, handling precautions are recommended.
Note 1:
Applied to all 8 inputs simultaneously.
Note 2:
Load conditions affect turnoff delay.
Note 3:
Specification for packaged product only.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com