Electronic Components Datasheet Search
  English  ▼

X  

MIC3289 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC3289
Description  1.2MHz PWM White LED Driver with Internal Schottky Diode and True 1-Wire Digital Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3289 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC3289 Datasheet HTML 1Page - Micrel Semiconductor MIC3289 Datasheet HTML 2Page - Micrel Semiconductor MIC3289 Datasheet HTML 3Page - Micrel Semiconductor MIC3289 Datasheet HTML 4Page - Micrel Semiconductor MIC3289 Datasheet HTML 5Page - Micrel Semiconductor MIC3289 Datasheet HTML 6Page - Micrel Semiconductor MIC3289 Datasheet HTML 7Page - Micrel Semiconductor MIC3289 Datasheet HTML 8Page - Micrel Semiconductor MIC3289 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Micrel, Inc.
MIC3289
June 2007
2
M9999-061807
(408) 944-0800
Typical Application
MIC3289
2mm×2mm MLF
0.27µF
Digital
Control
White LED Driver with OVP and Digital Control
Ordering Information
Part Number
Marking
Code
Output
Voltage
Over Voltage
Protection
Junction Temp.
Range
Package
MIC3289-16YD6
WF16
Adjustable
16V
-40
°C to 125°C
TSOT23-6
MIC3289-24YD6
WF24
Adjustable
24V
-40
°C to 125°C
TSOT23-6
MIC3289-16YML
WFA
Adjustable
16V
-40
°C to 125°C
2x2 MLF
®-8L
MIC3289-24YML
WFB
Adjustable
24V
-40
°C to 125°C
2x2 MLF
®-8L
Pin Configuration
FB
GND
OUT
VIN
SW
3
1
6
2
4
5
DC
1
OUT
VIN
DC
GND
8GND
SW
FB
NC
7
6
5
2
3
4
TSOT23-6
(D)
2mm × 2mm 8-pin MLF
®(ML)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com