Electronic Components Datasheet Search
  English  ▼

X  

MIC2981BWM Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2981BWM
Description  High-Voltage High-Current Source Driver Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2981BWM Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2981BWM Datasheet HTML 1Page - Micrel Semiconductor MIC2981BWM Datasheet HTML 2Page - Micrel Semiconductor MIC2981BWM Datasheet HTML 3Page - Micrel Semiconductor MIC2981BWM Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MIC2981/2982
Micrel, Inc.
MIC2981/2982
2
June 2005
Pin Configuration
2
IN2
OUT2
17
3
IN3
OUT3
16
4
IN4
OUT4
15
5
IN5
OUT5
14
6
IN6
OUT6
13
7
IN7
OUT7
12
1
IN1
OUT1
18
8
IN8
OUT8
11
9
VS
GND
10
18-Pin DIP (N)
18-Pin Wide SOP (WM)
Pin No.
Pin No.
Pin Name
Pin Function
1–8
IN1–IN8
Input 1 through Input 8: Base drive to driver input transistor.
9V
S
Supply Input
10
GND
Ground
11–18
OUT8–OUT1
Output 8 through Output 1: Emitter of Darlington driver output.
Pin Description



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com