Electronic Components Datasheet Search
  English  ▼

X  

MIC4100BM Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC4100BM
Description  100V Half Bridge MOSFET Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4100BM Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC4100BM Datasheet HTML 1Page - Micrel Semiconductor MIC4100BM Datasheet HTML 2Page - Micrel Semiconductor MIC4100BM Datasheet HTML 3Page - Micrel Semiconductor MIC4100BM Datasheet HTML 4Page - Micrel Semiconductor MIC4100BM Datasheet HTML 5Page - Micrel Semiconductor MIC4100BM Datasheet HTML 6Page - Micrel Semiconductor MIC4100BM Datasheet HTML 7Page - Micrel Semiconductor MIC4100BM Datasheet HTML 8Page - Micrel Semiconductor MIC4100BM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Micrel, Inc.
MIC4100/1
Parameter
Symbol
Condition
Min
Typ
Max
Units
Under Voltage Protection
VDD Rising Threshold
VDDR
6.5
7.4
8.0
V
VDD Threshold Hysteresis
VDDH
0.5
V
HB Rising Threshold
VHBR
6.0
7.0
8.0
V
HB Threshold Hysteresis
VHBH
0.4
V
Bootstrap Diode
Low-Current Forward Voltage
VDL
IVDD-HB = 100µA
0.4
0.55
0.70
V
High-Current Forward Voltage
VDH
IVDD-HB = 100mA
0.7
0.8
1.0
V
Dynamic Resistance
RD
IVDD-HB = 100mA
1.0
1.5
2.0
Ω
LO Gate Driver
Low Level Output Voltage
VOLL
ILO = 100mA
0.22
0.3
0.4
V
High Level Output Voltage
VOHL
ILO = -100mA, VOHL = VDD - VLO
0.25
0.3
0.45
V
Peak Sink Current
IOHL
VLO = 0V
2
A
Peak Source Current
IOLL
VLO = 12V
2
A
HO Gate Driver
Low Level Output Voltage
VOLH
IHO = 100mA
0.22
0.3
0.4
V
High Level Output Voltage
VOHH
IHO = -100mA, VOHH = VHB – VHO
0.25
0.3
0.45
V
Peak Sink Current
IOHH
VHO = 0V
2
A
Peak Source Current
IOLH
VHO = 12V
2
A
March 2006
4
M9999-031506



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com