Electronic Components Datasheet Search
  English  ▼

X  

MIC4124 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC4124
Description  Dual 3A-Peak Low-Side MOSFET Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4124 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC4124 Datasheet HTML 1Page - Micrel Semiconductor MIC4124 Datasheet HTML 2Page - Micrel Semiconductor MIC4124 Datasheet HTML 3Page - Micrel Semiconductor MIC4124 Datasheet HTML 4Page - Micrel Semiconductor MIC4124 Datasheet HTML 5Page - Micrel Semiconductor MIC4124 Datasheet HTML 6Page - Micrel Semiconductor MIC4124 Datasheet HTML 7Page - Micrel Semiconductor MIC4124 Datasheet HTML 8Page - Micrel Semiconductor MIC4124 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
May 2005
5
M9999-052405
MIC4123/4124/4125
Micrel, Inc.
Typical Characteristic Curves
0
20
40
60
80
100
120
140
100
1000
10000
CAPACITIVE LOAD (pF)
Rise Time
vs. Capactive Load
12V
5V
20V
0
20
40
60
80
100
120
140
100
1000
10000
CAPACITIVE LOAD (pF)
Fall Time
vs. Capactive Load
12V
5V
20V
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5
10
15
20
INPUT VOLTAGE (V)
Output Resistance
vs. Supply Voltage
Output Low
Output High
0
10
20
30
40
50
60
70
80
90
100
5
10
15
20
SUPPLY VOLTAGE (V)
Propagation Delay
vs. Supply Voltage
td2
td1
CLOAD = 1000pF
0
5
10
15
20
25
5
10
15
20
SUPPLY VOLTAGE (V)
Rise and Fall Time
vs. Supply Voltage
R i s e T i m e
Fall Time
CLOAD = 1000pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com