Electronic Components Datasheet Search
  English  ▼

X  

MIC4126 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC4126
Description  Dual 1.5A-Peak Low-Side MOSFET Drivers in Advanced Packaging
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4126 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC4126 Datasheet HTML 1Page - Micrel Semiconductor MIC4126 Datasheet HTML 2Page - Micrel Semiconductor MIC4126 Datasheet HTML 3Page - Micrel Semiconductor MIC4126 Datasheet HTML 4Page - Micrel Semiconductor MIC4126 Datasheet HTML 5Page - Micrel Semiconductor MIC4126 Datasheet HTML 6Page - Micrel Semiconductor MIC4126 Datasheet HTML 7Page - Micrel Semiconductor MIC4126 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Micrel
MIC4126/27/28
July 2005
2
M9999-072605
(408) 955-1690
Ordering Information
Pin Configuration
EPAD SOIC-8L (ME)
EPAD MSOP-8L (MME)
MLF-8L (ML)
EPAD SOIC-8L (ME)
EPAD MSOP-8L (MME)
MLF-8L (ML)
EPAD SOIC-8L (ME)
EPAD MSOP-8L (MME)
MLF-8L (ML)
Pin Description
Pin Number
Pin Name
Pin Function
1, 8
NC
Not internally connected
2
INA
Control Input A: TTL/CMOS compatible logic input
3
GND
Ground
4
INB
Control Input B: TTL/CMOS compatible logic input.
5
OUTB
Output B: CMOS totem-pole output.
6
VS
Supply Input: +4.5V to +20V
7
OUTA
Output A: CMOS totem-pole output.
EP
GND
Ground, backside pad.
Part Number
Configuration
Package
Junction Temp. Range
(1)
Lead Finish
MIC4126YME
Dual Inverting
EPAD 8-lead SOIC
–40° to +125°C
Pb-Free
MIC4126YMME
Dual Inverting
EPAD 8-lead MSOP
–40° to +125°C
Pb-Free
MIC4126YML
Dual Inverting
8-lead MLF
–40° to +125°C
Pb-Free
MIC4127YME
Dual Non-inverting
EPAD 8-lead SOIC
–40° to +125°C
Pb-Free
MIC4127YMME
Dual Non-inverting
EPAD 8-lead MSOP
–40° to +125°C
Pb-Free
MIC4127YML
Dual Non-inverting
8-lead MLF
–40° to +125°C
Pb-Free
MIC4128YME
Inverting + Non-inverting
EPAD 8-lead SOIC
–40° to +125°C
Pb-Free
MIC4128YMME
Inverting + Non-inverting
EPAD 8-lead MSOP
–40° to +125°C
Pb-Free
MIC4128YML
Inverting + Non-inverting
8-lead MLF
–40° to +125°C
Pb-Free



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com