Electronic Components Datasheet Search
  English  ▼

X  

MIC4125 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC4125
Description  Dual 3A-Peak Low-Side MOSFET Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4125 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC4125 Datasheet HTML 1Page - Micrel Semiconductor MIC4125 Datasheet HTML 2Page - Micrel Semiconductor MIC4125 Datasheet HTML 3Page - Micrel Semiconductor MIC4125 Datasheet HTML 4Page - Micrel Semiconductor MIC4125 Datasheet HTML 5Page - Micrel Semiconductor MIC4125 Datasheet HTML 6Page - Micrel Semiconductor MIC4125 Datasheet HTML 7Page - Micrel Semiconductor MIC4125 Datasheet HTML 8Page - Micrel Semiconductor MIC4125 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MIC4123/4124/4125
Micrel, Inc.
M9999-052405
2
May 2005
Pin & Driver Configuration
Ordering Information
Part Number
Package
Configuration
Lead Finish
MIC4123YME
EPAD 8-Lead SOIC
Dual Inverting
Pb-Free
MIC4123YML
8-Lead MLF
Dual Inverting
Pb-Free
MIC4124YME
EPAD 8-Lead SOIC
Dual Non-Inverting
Pb-Free
MIC4124YML
8-Lead MLF
Dual Non-Inverting
Pb-Free
MIC4125YME
EPAD 8-Lead SOIC Inverting + Non-Inverting
Pb-Free
MIC4125YML
8-Lead MLF
Inverting + Non-Inverting
Pb-Free
Pin Description
Pin Number
Pin Name
Function
2 / 4
INA / B
Control Input
3
GND
Ground: Duplicate pins must be externally connected together
6
V
S
Supply Input: Duplicate pins must be externally connected together
7 / 5
OUTA / B
Output: Duplicate pins must be externally connected together
1, 8
NC
Not connected
EP
GND
Ground: Backside Pad
1
2
3
4
8
7
6
5
NC
INA
GND
INB
NC
OUTA
VS
OUTB
MIC4123
Dual
Inverting
A
B
7
5
2
4
MIC4123
MIC4124
A
B
7
5
2
4
A
B
7
5
2
4
1
2
3
4
8
7
6
5
NC
INA
GND
INB
NC
OUTA
VS
OUTB
MIC4124
Dual
Noninverting
1
2
3
4
8
7
6
5
NC
INA
GND
INB
NC
OUTA
VS
OUTB
MIC4125
Inverting +
Noninverting
MIC4125



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com