Electronic Components Datasheet Search
  English  ▼

X  

MIC4420 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC4420
Description  6A-Peak Low-Side MOSFET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4420 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC4420 Datasheet HTML 1Page - Micrel Semiconductor MIC4420 Datasheet HTML 2Page - Micrel Semiconductor MIC4420 Datasheet HTML 3Page - Micrel Semiconductor MIC4420 Datasheet HTML 4Page - Micrel Semiconductor MIC4420 Datasheet HTML 5Page - Micrel Semiconductor MIC4420 Datasheet HTML 6Page - Micrel Semiconductor MIC4420 Datasheet HTML 7Page - Micrel Semiconductor MIC4420 Datasheet HTML 8Page - Micrel Semiconductor MIC4420 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
July 2005
1
M9999-072205
MIC4420/4429
Micrel, Inc.
MIC4420/4429
6A-Peak Low-Side MOSFET Driver
Bipolar/CMOS/DMOS Process
General Description
MIC4420, MIC4429 and MIC429 MOSFET drivers are
tough, efficient, and easy to use. The MIC4429 and MIC429
are inverting drivers, while the MIC4420 is a non-inverting
driver.
They are capable of 6A (peak) output and can drive the larg-
est MOSFETs with an improved safe operating margin. The
MIC4420/4429/429 accepts any logic input from 2.4V to VS
without external speed-up capacitors or resistor networks.
Proprietary circuits allow the input to swing negative by as
much as 5V without damaging the part. Additional circuits
protect against damage from electrostatic discharge.
MIC4420/4429/429 drivers can replace three or more
discrete components, reducing PCB area requirements,
simplifying product design, and reducing assembly cost.
Modern BiCMOS/DMOS construction guarantees freedom
from latch-up. The rail-to-rail swing capability insures ad-
equate gate voltage to the MOSFET during power up/down
sequencing.
Note: See MIC4120/4129 for high power and narrow
pulse applications.
Features
• CMOS Construction
• Latch-Up Protected: Will Withstand >500mA
Reverse Output Current
• Logic Input Withstands Negative Swing of Up to 5V
• Matched Rise and Fall Times ................................ 25ns
• High Peak Output Current ............................... 6A Peak
• Wide Operating Range ............................... 4.5V to 18V
• High Capacitive Load Drive ............................10,000pF
• Low Delay Time .............................................. 55ns Typ
• Logic High Input for Any Voltage From 2.4V to VS
• Low Equivalent Input Capacitance (typ) ..................6pF
• Low Supply Current ...............450µA With Logic 1 Input
• Low Output Impedance ......................................... 2.5Ω
• Output Voltage Swing Within 25mV of Ground or VS
Applications
• Switch Mode Power Supplies
• Motor Controls
• Pulse Transformer Driver
• Class-D Switching Amplifiers
Functional Diagram
IN
OUT
MIC4429
INVERTING
MIC4420
NONINVERTING
0.1mA
0.4mA
2kΩ
VS
GND
Micrel, Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com


Similar Part No. - MIC4420

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4420 MICREL-MIC4420 Datasheet
96Kb / 10P
6A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
MIC GROUP RECTIFIERS
MIC4420 MIC-MIC4420 Datasheet
231Kb / 12P
6A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Microchip Technology
MIC4420 MICROCHIP-MIC4420 Datasheet
2Mb / 26P
6A Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
09/14/21
logo
Micrel Semiconductor
MIC4420BM MICREL-MIC4420BM Datasheet
96Kb / 10P
6A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
MIC GROUP RECTIFIERS
MIC4420BM MIC-MIC4420BM Datasheet
231Kb / 12P
6A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
More results

Similar Description - MIC4420

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4420 MICREL-MIC4420 Datasheet
96Kb / 10P
6A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4120 MICREL-MIC4120 Datasheet
209Kb / 11P
6A-Peak Low-Side MOSFET Driver
logo
Sensitron
SHD850001 SENSITRON-SHD850001 Datasheet
43Kb / 3P
6A-Peak Low Side MOSFET Driver Bipolar/CMOS/DMOS Process
SHD852002 SENSITRON-SHD852002 Datasheet
43Kb / 3P
12A-Peak Low Side Dual MOSFET Driver 12A-Peak Low Side Dual MOSFET Driver
logo
Micrel Semiconductor
MIC4120 MICREL-MIC4120_05 Datasheet
196Kb / 10P
6A-Peak Low-Side MOSFET Driver
MIC4120 MICREL-MIC4120_10 Datasheet
458Kb / 10P
6A-Peak Low-Side Mosfet Driver Bipolar/CMOS/DMOS Process
logo
MIC GROUP RECTIFIERS
MIC4420 MIC-MIC4420_11 Datasheet
231Kb / 12P
6A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Micrel Semiconductor
MIC4420YM MICREL-MIC4420YM Datasheet
231Kb / 12P
6A-Peak Low-Side MOSFET Driver
MIC4420ZN MICREL-MIC4420ZN Datasheet
231Kb / 12P
6A-Peak Low-Side MOSFET Driver
logo
Microchip Technology
MIC4420 MICROCHIP-MIC4420 Datasheet
2Mb / 26P
6A Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com