Electronic Components Datasheet Search
  English  ▼

X  

MIC4468 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC4468
Description  Quad 1.2A-Peak Low-Side MOSFET Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4468 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC4468 Datasheet HTML 1Page - Micrel Semiconductor MIC4468 Datasheet HTML 2Page - Micrel Semiconductor MIC4468 Datasheet HTML 3Page - Micrel Semiconductor MIC4468 Datasheet HTML 4Page - Micrel Semiconductor MIC4468 Datasheet HTML 5Page - Micrel Semiconductor MIC4468 Datasheet HTML 6Page - Micrel Semiconductor MIC4468 Datasheet HTML 7Page - Micrel Semiconductor MIC4468 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
July 2005
1
MIC4467/4468/4469
MIC4467/4468/4469
Micrel, Inc.
General Description
TheMIC4467/8/9familyof4-outputCMOSbuffer/driversisan
expansion from the earlier single- and dual-output drivers, to
which they are functionally closely related. Because package
pin count permitted it, each driver has been equipped with a
2-input logic gate for added flexibility. Placing four high-power
drivers in a single package also improves system reliability
and reduces total system cost. In some applications, one of
these drivers can replace not only two packages of single-
input drivers, but some of the associated logic as well.
Although primarily intended for driving power MOSFETs,
and similar highly capacitive loads, these drivers are equally
well suited to driving any other load (capacitive, resistive, or
inductive), which requires a high-efficiency, low-impedance
drivercapableofhighpeakcurrents,rail-to-railvoltageswings,
and fast switching times. For example, heavily loaded clock
lines, coaxial cables, and piezoelectric transducers can all be
driven easily with MIC446X series drivers. The only limitation
MIC4467/4468/4469
Quad 1.2A-Peak Low-Side MOSFET Driver
Bipolar/CMOS/DMOS
Features
• Built using reliable, low power CMOS processes
• Latchproof. Withstands 500mA Inductive Kickback
• 3 Input Logic Choices
• Symmetrical Rise and Fall Times............................25ns
• Short, Equal Delay Times .......................................75ns
• High Peak Output Current....................................... 1.2A
• Wide Operating Range .................................. 4.5 to 18V
• Low Equivalent Input Capacitance (typ) .................. 6pF
• Inputs = Logic 1 for Any Input From 2.4V to V
S
• ESD Protected
Applications
• General-Purpose CMOS Logic Buffer
• Driving All 4 MOSFETs in an H-Bridge
• Direct Small-Motor Driver
• Relay or Peripheral Drivers
• Dual Differential Output Power Drivers
• CCD Driver
• Pin-Switching Network Driver
Logic Diagrams
1A
VS
1B
2A
2B
3A
3B
4A
4B
1Y
2Y
3Y
4Y
GND
1
2
3
4
5
6
8
9
13
12
11
10
14
7
MIC4468
1A
VS
1B
2A
2B
3A
3B
4A
4B
1Y
2Y
3Y
4Y
GND
1
2
3
4
5
6
8
9
13
12
11
10
14
7
MIC4467
1A
VS
1B
2A
2B
3A
3B
4A
4B
1Y
2Y
3Y
4Y
GND
1
2
3
4
5
6
8
9
13
12
11
10
14
7
MIC4469
Micrel, Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com


Similar Part No. - MIC4468

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4468 MICREL-MIC4468 Datasheet
80Kb / 7P
Quad 1.2A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS
logo
Microchip Technology
MIC4468 MICROCHIP-MIC4468 Datasheet
1Mb / 18P
Quad 1.2A Peak Low-Side MOSFET Drivers
Revision A (May 2022)
logo
Micrel Semiconductor
MIC4468BN MICREL-MIC4468BN Datasheet
80Kb / 7P
Quad 1.2A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS
MIC4468BWM MICREL-MIC4468BWM Datasheet
80Kb / 7P
Quad 1.2A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS
MIC4468CN MICREL-MIC4468CN Datasheet
80Kb / 7P
Quad 1.2A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS
More results

Similar Description - MIC4468

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4467 MICREL-MIC4467 Datasheet
80Kb / 7P
Quad 1.2A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS
MIC4120 MICREL-MIC4120 Datasheet
209Kb / 11P
6A-Peak Low-Side MOSFET Driver
MIC1427 MICREL-MIC1427 Datasheet
557Kb / 8P
Dual 1.2A-Peak Low-Side MOSFET Driver
logo
Sensitron
SHD852002 SENSITRON-SHD852002 Datasheet
43Kb / 3P
12A-Peak Low Side Dual MOSFET Driver 12A-Peak Low Side Dual MOSFET Driver
logo
Micrel Semiconductor
MIC4120 MICREL-MIC4120_05 Datasheet
196Kb / 10P
6A-Peak Low-Side MOSFET Driver
MIC4420 MICREL-MIC4420_05 Datasheet
228Kb / 12P
6A-Peak Low-Side MOSFET Driver
MIC4420YM MICREL-MIC4420YM Datasheet
231Kb / 12P
6A-Peak Low-Side MOSFET Driver
MIC4422YN MICREL-MIC4422YN Datasheet
241Kb / 12P
9A-Peak Low-Side MOSFET Driver
MIC4420ZN MICREL-MIC4420ZN Datasheet
231Kb / 12P
6A-Peak Low-Side MOSFET Driver
logo
Microchip Technology
MIC4467 MICROCHIP-MIC4467 Datasheet
1Mb / 18P
Quad 1.2A Peak Low-Side MOSFET Drivers
Revision A (May 2022)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com