Electronic Components Datasheet Search
  English  ▼

X  

MIC4422CM Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC4422CM
Description  9A-Peak Low-Side MOSFET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4422CM Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC4422CM Datasheet HTML 4Page - Micrel Semiconductor MIC4422CM Datasheet HTML 5Page - Micrel Semiconductor MIC4422CM Datasheet HTML 6Page - Micrel Semiconductor MIC4422CM Datasheet HTML 7Page - Micrel Semiconductor MIC4422CM Datasheet HTML 8Page - Micrel Semiconductor MIC4422CM Datasheet HTML 9Page - Micrel Semiconductor MIC4422CM Datasheet HTML 10Page - Micrel Semiconductor MIC4422CM Datasheet HTML 11Page - Micrel Semiconductor MIC4422CM Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MIC4421/4422
Micrel, Inc.
M9999-081005
8
August 2005
Table 1: MIC4421 Maximum
Operating Frequency
V
S
Max Frequency
18V
220kHz
15V
300kHz
10V
640kHz
5V
2MHz
Conditions:
1. θ
JA = 150°C/W
2. T
A = 25°C
3. C
L = 10,000pF
dissipation limit can easily be exceeded. Therefore, some
attention should be given to power dissipation when driving
low impedance loads and/or operating at high frequency.
The supply current vs. frequency and supply current vs
capacitive load characteristic curves aid in determining
power dissipation calculations. Table 1 lists the maximum
safe operating frequency for several power supply volt-
ages when driving a 10,000pF load. More accurate power
dissipation figures can be obtained by summing the three
dissipation sources.
Given the power dissipation in the device, and the thermal
resistance of the package, junction operating temperature
for any ambient is easy to calculate. For example, the
thermal resistance of the 8-pin plastic DIP package, from
the data sheet, is 130°C/W. In a 25°C ambient, then, using
a maximum junction temperature of 150°C, this package
will dissipate 960mW.
Accurate power dissipation numbers can be obtained by
summing the three sources of power dissipation in the
device:
• Load Power Dissipation (P
L)
• Quiescent power dissipation (P
Q)
• Transition power dissipation (P
T)
Calculation of load power dissipation differs depending on
whether the load is capacitive, resistive or inductive.
Resistive Load Power Dissipation
Dissipation caused by a resistive load can be calculated
as:
P
L = I
2
R
O D
where:
I = the current drawn by the load
R
O =
the output resistance of the driver when the output
is high, at the power supply voltage used. (See data
sheet)
D = fraction of time the load is conducting (duty cycle)
Figure 5. Switching Time Degradation Due to
Negative Feedback
MIC4421
1
8
6, 7
5
4
+18
0.1µF
0.1µF
TEK CURRENT
PROBE 6302
2,500 pF
POLYCARBONATE
5.0V
0 V
18 V
0 V
300 mV
6 AMPS
PC TRACE RESISTANCE = 0.05Ω
LOGIC
GROUND
POWE R
GROUND
WIMA
MKS-2
1 µF
Input Stage
The input voltage level of the MIC4421 changes the quies-
cent supply current. The N channel MOSFET input stage
transistor drives a 320µA current source load. With a logic
“1” input, the maximum quiescent supply current is 400µA.
Logic “0” input level signals reduce quiescent current to
80µA typical.
The MIC4421/4422 input is designed to provide 300mV of
hysteresis. This provides clean transitions, reduces noise
sensitivity, and minimizes output stage current spiking
when changing states. Input voltage threshold level is ap-
proximately 1.5V, making the device TTL compatible over
the full temperature and operating supply voltage ranges.
Input current is less than ±10µA.
The MIC4421 can be directly driven by the TL494,
SG1526/1527, SG1524, TSC170, MIC38C42, and similar
switch mode power supply integrated circuits. By offloading
the power-driving duties to the MIC4421/4422, the power
supply controller can operate at lower dissipation. This can
improve performance and reliability.
The input can be greater than the V
S supply, however, cur-
rent will flow into the input lead. The input currents can be
as high as 30mA p-p (6.4mA
RMS) with the input. No damage
will occur to MIC4421/4422 however, and it will not latch.
The input appears as a 7pF capacitance and does not
change even if the input is driven from an AC source.
While the device will operate and no damage will occur up
to 25V below the negative rail, input current will increase
up to 1mA/V due to the clamping action of the input, ESD
diode, and 1kΩ resistor.
Power Dissipation
CMOS circuits usually permit the user to ignore power
dissipation. Logic families such as 4000 and 74C have out-
puts which can only supply a few milliamperes of current,
and even shorting outputs to ground will not force enough
current to destroy the device. The MIC4421/4422 on the
other hand, can source or sink several amperes and drive
largecapacitiveloadsathighfrequency.Thepackagepower



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com