Electronic Components Datasheet Search
  English  ▼

X  

MIC4451CT Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC4451CT
Description  12A-Peak Low-Side MOSFET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4451CT Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC4451CT Datasheet HTML 4Page - Micrel Semiconductor MIC4451CT Datasheet HTML 5Page - Micrel Semiconductor MIC4451CT Datasheet HTML 6Page - Micrel Semiconductor MIC4451CT Datasheet HTML 7Page - Micrel Semiconductor MIC4451CT Datasheet HTML 8Page - Micrel Semiconductor MIC4451CT Datasheet HTML 9Page - Micrel Semiconductor MIC4451CT Datasheet HTML 10Page - Micrel Semiconductor MIC4451CT Datasheet HTML 11Page - Micrel Semiconductor MIC4451CT Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MIC4451/4452
8
July 2005
MIC4451/4452
Micrel, Inc.
Table 1: MIC4451 Maximum
Operating Frequency
V
S
Max Frequency
18V
220kHz
15V
300kHz
10V
640kHz
5V
2MHz
Conditions:
1. θ
JA = 150°C/W
2. T
A = 25°C
3. C
L = 10,000pF
Input Stage
The input voltage level of the MIC4451 changes the quiescent
supply current.The N channel MOSFETinput stage transistor
drives a 320µAcurrent source load. With a logic “1” input, the
maximum quiescent supply current is 400µA. Logic “0” input
level signals reduce quiescent current to 80µA typical.
The MIC4451/4452 input is designed to provide 200mV of
hysteresis. This provides clean transitions, reduces noise
sensitivity, and minimizes output stage current spiking when
changingstates.Inputvoltagethresholdlevelisapproximately
1.5V, making the device TTL compatible over the full tem-
perature and operating supply voltage ranges. Input current
is less than ±10µA.
The MIC4451 can be directly driven by the TL494,
SG1526/1527, SG1524, TSC170, MIC38C42, and similar
switch mode power supply integrated circuits. By offloading
the power-driving duties to the MIC4451/4452, the power
supply controller can operate at lower dissipation. This can
improve performance and reliability.
The input can be greater than the V
S supply, however, current
will flow into the input lead. The input currents can be as high
as 30mAp-p (6.4mA
RMS) with the input. No damage will occur
to MIC4451/4452 however, and it will not latch.
The input appears as a 7pF capacitance and does not
change even if the input is driven from an AC source. While
the device will operate and no damage will occur up to 25V
below the negative rail, input current will increase up to
1mA/V due to the clamping action of the input, ESD diode,
and 1kΩ resistor.
Power Dissipation
CMOS circuits usually permit the user to ignore power dis-
sipation. Logic families such as 4000 and 74C have outputs
which can only supply a few milliamperes of current, and even
shorting outputs to ground will not force enough current to
destroy the device. The MIC4451/4452 on the other hand,
can source or sink several amperes and drive large capacitive
loads at high frequency. The package power dissipation limit
can easily be exceeded. Therefore, some attention should
be given to power dissipation when driving low impedance
loads and/or operating at high frequency.
The supply current vs. frequency and supply current vs ca-
pacitive load characteristic curves aid in determining power
dissipation calculations. Table 1 lists the maximum safe
operating frequency for several power supply voltages when
driving a 10,000pF load. More accurate power dissipation
figures can be obtained by summing the three dissipation
sources.
Given the power dissipation in the device, and the thermal
resistance of the package, junction operating temperature
for any ambient is easy to calculate. For example, the ther-
mal resistance of the 8-pin plastic DIP package, from the
data sheet, is 130°C/W. In a 25°C ambient, then, using a
maximum junction temperature of 125°C, this package will
dissipate 960mW.
Accurate power dissipation numbers can be obtained by sum-
ming the three sources of power dissipation in the device:
• Load Power Dissipation (P
L)
• Quiescent power dissipation (P
Q)
• Transition power dissipation (P
T)
Calculation of load power dissipation differs depending on
whether the load is capacitive, resistive or inductive.
Resistive Load Power Dissipation
Dissipation caused by a resistive load can be calculated
as:
P
L = I
2
R
O D
where:
I = the current drawn by the load
R
O =
the output resistance of the driver when the output
is high, at the power supply voltage used. (See data
sheet)
D = fraction of time the load is conducting (duty cycle)
Capacitive Load Power Dissipation
Dissipation caused by a capacitive load is simply the energy
placed in, or removed from, the load capacitance by the
driver. The energy stored in a capacitor is described by the
equation:
E = 1/2 C V2
Figure 5. Switching Time Degradation Due to
Negative Feedback
MIC4451
1
8
6, 7
5
4
+18
0.1µF
0.1µF
TEK CURRENT
PROBE 6302
2,500 pF
POLYCARBONATE
5.0V
0 V
18 V
0 V
300 mV
12 AMPS
PC TRACE RESISTANCE = 0.05Ω
LOGIC
GROUND
POWER
GROUND
WIMA
MKS-2
1 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com