Electronic Components Datasheet Search
  English  ▼

X  

MIC4424BWM Datasheet(PDF) 12 Page - Micrel Semiconductor

Part # MIC4424BWM
Description  Dual 3A-Peak Low-Side MOSFET Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4424BWM Datasheet(HTML) 12 Page - Micrel Semiconductor

Back Button MIC4424BWM Datasheet HTML 5Page - Micrel Semiconductor MIC4424BWM Datasheet HTML 6Page - Micrel Semiconductor MIC4424BWM Datasheet HTML 7Page - Micrel Semiconductor MIC4424BWM Datasheet HTML 8Page - Micrel Semiconductor MIC4424BWM Datasheet HTML 9Page - Micrel Semiconductor MIC4424BWM Datasheet HTML 10Page - Micrel Semiconductor MIC4424BWM Datasheet HTML 11Page - Micrel Semiconductor MIC4424BWM Datasheet HTML 12Page - Micrel Semiconductor MIC4424BWM Datasheet HTML 13Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
MIC4423/4424/4425
Micrel, Inc.
MIC4423/4424/4425
12
July 2005
Package Information
0.380 (9.65)
0.370 (9.40)
0.135 (3.43)
0.125 (3.18)
PIN 1
DIMENSIONS:
INCH (MM)
0.018 (0.57)
0.100 (2.54)
0.013 (0.330)
0.010 (0.254)
0.300 (7.62)
0.255 (6.48)
0.245 (6.22)
0.380 (9.65)
0.320 (8.13)
0.0375 (0.952)
0.130 (3.30)
8-Pin Plastic DIP (N)
8-Pin SOIC (M)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com