Electronic Components Datasheet Search
  English  ▼

X  

MIC5020 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5020
Description  Current-Sensing Low-Side MOSFET Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5020 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5020 Datasheet HTML 1Page - Micrel Semiconductor MIC5020 Datasheet HTML 2Page - Micrel Semiconductor MIC5020 Datasheet HTML 3Page - Micrel Semiconductor MIC5020 Datasheet HTML 4Page - Micrel Semiconductor MIC5020 Datasheet HTML 5Page - Micrel Semiconductor MIC5020 Datasheet HTML 6Page - Micrel Semiconductor MIC5020 Datasheet HTML 7Page - Micrel Semiconductor MIC5020 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MIC5020
Micrel, Inc.
July 2005
3
MIC5020
Electrical Characteristics
TA = 25°C, Gnd = 0V, VDD = 12V, Sense +,– = 0V, Fault = Open, CT = Open, Gate CL = 1500pF unless otherwise specificed
Symbol
Parameter
Condition
Min
Typ
Max
Units
D.C. Supply Current
VDD = 12V, Input = 0V
0.8
2
mA
VDD = 50V, Input = 0V
2
10
mA
VDD = 12V, Input = 5V
0.8
2
mA
VDD = 50V, Input = 5V
4
25
mA
Input Threshold
0.8
1.4
2.0
V
Input Hysteresis
0.1
V
Input Pull-Down Current
Input = 5V
10
20
40
µA
Fault Output
Fault Current = 1.6mA
0.15
0.4
V
Saturation Voltage
Note 1
Fault Output Leakage
Fault = 50V
–1
0.01
+1
µA
Current Limit Threshold
Note 2
30
50
70
mV
Gate On Voltage
VDD = 12V
10
11
V
VDD = 50V
14
15
18
V
tG(ON)
Gate On Time, Fixed
Sense Differential > 70mV
2
5
10
µs
tG(OFF)
Gate Off Time, Adjustable
Sense Differential > 70mV, CT = 0pF
10
20
50
µs
tDLH
Gate Turn-On Delay
Note 3
400
800
ns
tR
Gate Rise Time
Note 4
700
1500
ns
tDLH
Gate Turn-Off Delay
Note 5
900
1500
ns
tF
Gate Fall Time
Note 6
500
1500
ns
fmax
Maximum Operating Frequency
Note 7
100
150
kHz
Note 1
Voltage remains low for time affected by CT.
Note 2
When using sense MOSFETs, it is recommended that RSENSE < 50Ω. Higher values may affect the sense MOSFET’s current transfer ratio.
Note 3
Input switched from 0.8V (TTL low) to 2.0V (TTL high), time for Gate transition from 0V to 2V.
Note 4
Input switched from 0.8V (TTL low) to 2.0V (TTL high), time for Gate transition from 2V to 10V.
Note 5
Input switched from 2.0V (TTL high) to 0.8V (TTL low), time for Gate transition from 11V (Gate ON voltage) to 10V.
Note 6
Input switched from 2.0V (TTL high) to 0.8V (TTL low), time for Gate transition from 10V from 2V.
Note 7
Frequency where gate on voltage reduces to 10V with 50% input duty cycle.
Absolute Maximum Ratings
Supply Voltage (VDD)...................................................+55V
Input Voltage .................................................–0.5V to +15V
Sense Differential Voltage .......................................... ±6.5V
Sense + or Sense – to Gnd...........................–0.5V to +50V
Fault Voltage ...............................................................+50V
Current into Fault........................................................ 50mA
Timer Voltage (CT)......................................................+5.5V
Operating Ratings
Supply Voltage (VDD)......................................+11V to +50V
Temperature Range
SOIC....................................................... –40°C to +85°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com