Electronic Components Datasheet Search
  English  ▼

X  

MIC6315 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC6315
Description  Open-Drain 關P Reset Circuit
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC6315 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC6315 Datasheet HTML 1Page - Micrel Semiconductor MIC6315 Datasheet HTML 2Page - Micrel Semiconductor MIC6315 Datasheet HTML 3Page - Micrel Semiconductor MIC6315 Datasheet HTML 4Page - Micrel Semiconductor MIC6315 Datasheet HTML 5Page - Micrel Semiconductor MIC6315 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MIC6315
Micrel
M9999-102005
2
October 2005
Pin Description
Pin Number
Pin Name
Pin Function
1
GND
IC Ground Pin.
2
/RESET
/RESET goes low if VCC falls below the reset threshold and remains asserted
for one reset timeout period after VCC exceeds the reset threshold.
3
/MR
Manual Reset Input. A logic low on /MR forces a reset. The reset will remain
asserted as long as /MR is held low and for one reset timeout period after /MR goes
high. This input can be shorted to ground via a switch or be driven by TTL or CMOS
logic. Float if unused.
4
VCC
Power Supply Input.
Pin Configuration
MR
1
2
4 VCC
GND
MIC6315
RESET
3
MIC6315-xxDyU 4-Lead SOT-143
Ordering Information(1, 2)
Standard
Pb-Free
Nominal
Min. tRST
Operating
Part Number
Marking Part Number
Marking
VTH (V)
(ms)
Temp. Range
Package
MIC6315-26D2U
NY
MIC6315-26D2UY
NY
2.63
20
–40°C to +85°C
4-lead SOT-143
MIC6315-29D2U
NM
MIC6315-29D2UY
NM
2.93
20
–40°C to +85°C
4-lead SOT-143
MIC6315-30D2U
N2
MIC6315-30D2UY
N2
3.00
20
–40°C to +85°C
4-lead SOT-143
MIC6315-31D2U
NF
MIC6315-31D2UY
NF
3.08
20
–40°C to +85°C
4-lead SOT-143
MIC6315-40D2U
NW
MIC6315-40D2UY
NW
4.00
20
–40°C to +85°C
4-lead SOT-143
MIC6315-41D2U
N6
MIC6315-41D2UY
N6
4.10
20
–40°C to +85°C
4-lead SOT-143
MIC6315-44D2U
NG
MIC6315-44D2UY
NG
4.38
20
–40°C to +85°C
4-lead SOT-143
MIC6315-46D2U
NQ
MIC6315-46D2UY
NQ
4.63
20
–40°C to +85°C
4-lead SOT-143
MIC6315-26D3U
NR
MIC6315-26D3UY
NR
2.63
140
–40°C to +85°C
4-lead SOT-143
MIC6315-29D3U
NP
MIC6315-29D3UY
NP
2.93
140
–40°C to +85°C
4-lead SOT-143
MIC6315-30D3U
N3
MIC6315-30D3UY
N3
3.00
140
–40°C to +85°C
4-lead SOT-143
MIC6315-31D3U
NU
MIC6315-31D3UY
NU
3.08
140
–40°C to +85°C
4-lead SOT-143
MIC6315-40D3U
N8
MIC6315-40D3UY
N8
4.00
140
–40°C to +85°C
4-lead SOT-143
MIC6315-41D3U
N5
MIC6315-41D3UY
N5
4.10
140
–40°C to +85°C
4-lead SOT-143
MIC6315-44D3U
NH
MIC6315-44D3UY
NH
4.38
140
–40°C to +85°C
4-lead SOT-143
MIC6315-46D3U
NX
MIC6315-46D3UY
NX
4.63
140
–40°C to +85°C
4-lead SOT-143
MIC6315-26D4U
NS
MIC6315-26D4UY
NS
2.63
1100
–40°C to +85°C
4-lead SOT-143
MIC6315-29D4U
NN
MIC6315-29D4UY
NN
2.93
1100
–40°C to +85°C
4-lead SOT-143
MIC6315-30D4U
N4
MIC6315-30D4UY
N4
3.00
1100
–40°C to +85°C
4-lead SOT-143
MIC6315-31D4U
2N
MIC6315-31D4UY
2N
3.08
1100
–40°C to +85°C
4-lead SOT-143
MIC6315-40D4U
M9
MIC6315-40D4UY
M9
4.00
1100
–40°C to +85°C
4-lead SOT-143
MIC6315-41D4U
M7
MIC6315-41D4UY
M7
4.10
1100
–40°C to +85°C
4-lead SOT-143
MIC6315-44D4U
NJ
MIC6315-44D4UY
NJ
4.38
1100
–40°C to +85°C
4-lead SOT-143
MIC6315-46D4U
NZ
MIC6315-46D4UY
NZ
4.63
1100
–40°C to +85°C
4-lead SOT-143
Notes:
1. All devices available in tape and reel only.
2. Parts not yet assigned an identification code are shown as “zz”. Contact Micrel for details. Minimum order may apply.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com