Electronic Components Datasheet Search
  English  ▼

X  

MIC8114 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC8114
Description  Microprocessor Reset Circuit
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC8114 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC8114 Datasheet HTML 1Page - Micrel Semiconductor MIC8114 Datasheet HTML 2Page - Micrel Semiconductor MIC8114 Datasheet HTML 3Page - Micrel Semiconductor MIC8114 Datasheet HTML 4Page - Micrel Semiconductor MIC8114 Datasheet HTML 5Page - Micrel Semiconductor MIC8114 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MIC8114
Micrel
MIC8114
2
July 2005
Pin Description
Pin Number
Pin Name
Pin Function
1
GND
IC Ground Pin
2
/RESET
/RESET goes low if either VCC falls below the supply reset threshold voltage
or if /MR is asserted. /RESET remains asserted for one reset timeout period
after both VCC exceeds the supply reset threshold voltage and /MR is deas-
serted.
3
/MR
Manual Reset Input. A logic low on /MR forces a reset. The reset will remain
asserted as long as /MR is held low and for one reset timeout period after
/MR goes high. This input can be shorted to ground via a switch or driven
from CMOS or TTL logic. Pulled high internally through a 20kΩ resistor. Float
if unused.
4
VCC
Power supply Input.
Pin Configuration
MR
1
2
4 VCC
GND
MIC8114
RESET
3
4-Lead SOT-143



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com