Electronic Components Datasheet Search
  English  ▼

X  

EM641FT8 Datasheet(PDF) 1 Page - Emerging Memory & Logic Solutions Inc

Part # EM641FT8
Description  512K x8 bit Low Power Full CMOS Static RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM641FT8 Datasheet(HTML) 1 Page - Emerging Memory & Logic Solutions Inc

  EM641FT8 Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM641FT8 Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM641FT8 Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM641FT8 Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM641FT8 Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM641FT8 Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM641FT8 Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM641FT8 Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM641FT8 Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
EM641FT8
Low Power, 512Kx8 SRAM
1
Document Title
512K x8 bit Low Power Full CMOS Static RAM
Revision History
Revision No.
History
Draft Date
Remark
0.0
Initial Draft
Nov. 20, 2007
Preliminary
0.1
0.1 Revision
IDR Current from 1.5uA to 7uA
tOE from 25nsec to 30nsec with 55ns part
Dec. 5, 2007
Emerging Memory & Logic Solutions Inc.
4F Korea Construction Financial Cooperative B/D, 301-1 Yeon-Dong, Jeju-Si, Jeju-Do, Rep.of Korea Zip Code : 690-719
Tel : +82-64-740-1712 Fax : +82-64-740-1749~1750 / Homepage : www.emlsi.com
The attached data sheets are provided by EMLSI reserve the right to change the specifications and products. EMLSI will answer to your
questions about device. If you have any questions, please contact the EMLSI office.


Similar Part No. - EM641FT8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM641FT8AS-45L ETC2-EM641FT8AS-45L Datasheet
153Kb / 11P
512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM641FT8AS-45S ETC2-EM641FT8AS-45S Datasheet
153Kb / 11P
512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM641FT8AS-70L ETC2-EM641FT8AS-70L Datasheet
153Kb / 11P
512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM641FT8AS-70S ETC2-EM641FT8AS-70S Datasheet
153Kb / 11P
512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM641FT8AU-45L ETC2-EM641FT8AU-45L Datasheet
153Kb / 11P
512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM641FT8

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM620FV8B EMLSI-EM620FV8B Datasheet
427Kb / 11P
256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FU8B EMLSI-EM620FU8B Datasheet
391Kb / 10P
256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8BS EMLSI-EM620FV8BS Datasheet
433Kb / 11P
256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM640FU8E EMLSI-EM640FU8E Datasheet
71Kb / 11P
512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM640FP8 EMLSI-EM640FP8 Datasheet
71Kb / 11P
512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FV8FT EMLSI-EM641FV8FT Datasheet
183Kb / 10P
512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FV8FS EMLSI-EM641FV8FS Datasheet
62Kb / 10P
512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FT8V EMLSI-EM641FT8V Datasheet
435Kb / 11P
512K x8 bit Low Power Full CMOS Static RAM
EM641FT8T EMLSI-EM641FT8T Datasheet
475Kb / 11P
512K x8 bit Low Power Full CMOS Static RAM
EM641FT8S EMLSI-EM641FT8S Datasheet
863Kb / 11P
512K x8 bit Low Power Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com