Electronic Components Datasheet Search
  English  ▼

X  

EM641FP16 Datasheet(PDF) 4 Page - Emerging Memory & Logic Solutions Inc

Part # EM641FP16
Description  256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM641FP16 Datasheet(HTML) 4 Page - Emerging Memory & Logic Solutions Inc

  EM641FP16 Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM641FP16 Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM641FP16 Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM641FP16 Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM641FP16 Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM641FP16 Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM641FP16 Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM641FP16 Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM641FP16 Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
EM641FP16 Series
Low Power, 256Kx16 SRAM
4
merging Memory & Logic Solutions Inc.
merging Memory & Logic Solutions Inc.
DC AND OPERATING CHARACTERISTICS
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input leakage current
ILI
VIN=V SS to VCC
-1
-
1
uA
Output leakage current
ILO
CS =VIH or OE=V IH or WE=V IL, LB=UB=VIH ,
VIO=VSS to VCC
-1
-
1
uA
Operating power supply
ICC
IIO=0mA, CS =VIL, VIN=VIH or VIL
-
-
2
mA
Average operating current
ICC1
Cycle time=1
µs, 100% duty, I
IO=0mA,
CS <0.2V, LB<0.2V or/and UB<0.2V,
VIN<0.2V or VIN>VCC-0.2V
-
-
2
mA
ICC2
Cycle time = Min, IIO=0mA, 100% duty,
CS =VIL, LB=VIL or/and UB=V IL, VIN=V IL or VIH
-
-
12
mA
Output low voltage
VOL
IOL = 2.1mA
-
-
0.2
V
Output high voltage
VOH
IOH = -1.0mA
1.4
-
-
V
Standby Current (CMOS)
ISB1
CS >VCC-0.2V(CS controlled) or
LB=UB
≥ V CC-0.2V, CS<0.2V(LB/UB Controlled)
Other inputs=0~VCC
(Typ. condition : VCC =1.8V @ 25
o C)
(Max. condition : VCC=2.2V @ 85
oC)
LL
LF
-
1
5
uA
RECOMMENDED DC OPERATING CONDITIONS 1)
1. TA= -40 to 85oC, otherwise specified
2. Overshoot: VCC +1.0 V in case of pulse width < 20ns
3. Undershoot: -1.0 V in case of pulse width < 20ns
4. Overshoot and undershoot are sampled, not 100% tested
.
Parameter
Symbol
Min
Typ
Max
Unit
Supply voltage
VCC
1.65
1.8
2.2
V
Ground
VSS
0
0
0
V
Input high voltage
VIH
1.4
-
VCC + 0.3
2)
V
Input low voltage
V
IL
-0.33)
-
0.4
V
CAPACITANCE1) (f =1MHz, TA=25
oC)
1. Capacitance is sampled, not 100% tested
Item
Symbol
Test Condition
Min
Max
Unit
Input capacitance
C
IN
V
IN=0V
-
8
pF
Input/Ouput capacitance
C
IO
V
IO =0V
-
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com