Electronic Components Datasheet Search
  English  ▼

X  

MIC94072 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC94072
Description  High Side Power Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC94072 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC94072 Datasheet HTML 1Page - Micrel Semiconductor MIC94072 Datasheet HTML 2Page - Micrel Semiconductor MIC94072 Datasheet HTML 3Page - Micrel Semiconductor MIC94072 Datasheet HTML 4Page - Micrel Semiconductor MIC94072 Datasheet HTML 5Page - Micrel Semiconductor MIC94072 Datasheet HTML 6Page - Micrel Semiconductor MIC94072 Datasheet HTML 7Page - Micrel Semiconductor MIC94072 Datasheet HTML 8Page - Micrel Semiconductor MIC94072 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Micrel, Inc.
MIC94070/71/72/73
September 2007
2
M9999-090507
Ordering Information
Part Number
Part Marking
(1)
Standard
Pb-Free
Standard
Pb-Free
Fast
Turn On
Soft-
Start
Load
Discharge
Package
—
MIC94070YC6
—
70P
●
SC-70-6
—
MIC94071YC6
—
71P
●
●
SC-70-6
—
MIC94072YC6
—
72P
●
SC-70-6
—
MIC94073YC6
—
73P
●
●
SC-70-6
—
MIC94070YMT
—
P70
●
1.2mm x 1.6mm Thin MLF
®
—
MIC94071YMT
—
P71
●
●
1.2mm x 1.6mm Thin MLF
®
—
MIC94072YMT
—
P72
●
1.2mm x 1.6mm Thin MLF
®
—
MIC94073YMT
—
P73
●
●
1.2mm x 1.6mm Thin MLF
®
Notes
1.
Under-bar symbol on SC-70 Pb-free packages may not be to scale.
Pin Configuration
SC-70-6 (C6)
1.2x1.6 mm Thin MLF
® (MT)
Pin Description
Pin Number
SC-70
MLF
Pin Name
Pin Function
1
1
VOUT
Drain of P-channel MOSFET.
2,5
2
GND
Ground and the backside pad (MLF only) should both be connected to electrical ground.
4
3
VIN
Source of P-channel MOSFET.
3
4
EN
Enable (Input): Active-high CMOS compatible control input for switch A. Do not leave
floating.
6
--
NIC
No Internal Connection. A signal or voltage applied to this pin will have no effect on device
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com