Electronic Components Datasheet Search
  English  ▼

X  

79C0832 Datasheet(PDF) 13 Page - Maxwell Technologies

Part # 79C0832
Description  8 Megabit (256K x 32-Bit) EEPROM MCM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

79C0832 Datasheet(HTML) 13 Page - Maxwell Technologies

Back Button 79C0832_06 Datasheet HTML 9Page - Maxwell Technologies 79C0832_06 Datasheet HTML 10Page - Maxwell Technologies 79C0832_06 Datasheet HTML 11Page - Maxwell Technologies 79C0832_06 Datasheet HTML 12Page - Maxwell Technologies 79C0832_06 Datasheet HTML 13Page - Maxwell Technologies 79C0832_06 Datasheet HTML 14Page - Maxwell Technologies 79C0832_06 Datasheet HTML 15Page - Maxwell Technologies 79C0832_06 Datasheet HTML 16Page - Maxwell Technologies 79C0832_06 Datasheet HTML 17Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13
02.14.06 REV 15
All data sheets are subject to change without notice
©2006 Maxwell Technologies
All rights reserved
8 Megabit (256K x 32-Bit) EEPROM MCM
79C0832
2. Data Protection at V
CC on/off
When V
CC is turned on or off, noise on the control pins generated by external circuits, such as CPUs, may turn the EEPROM to
programming mode by mistake. To prevent this unintentional programming, the EEPROM must be kept in unprogrammable
state during V
CC on/off by using a CPU reset signal to RES pin.
3. RES Signal
RES should be kept at V
SS level when VCC is turned on or off. The EEPROM breaks off programming operation when RES
become low, programming operation doesn’t finish correctly in case that RES falls low during programming operation. RES
should be kept high for 10 ms after the last data is input
.
4. Software Data Protection Enable
The 79C0832 contains a software controlled write protection feature that allows the user to inhibit all write operations to the
device. This is useful in protecting the device from unwanted write cycles due to uncontrollable circuit noise or inadvertent
writes caused by minor bus contentions. Software data protection is enabled by writing the following data sequence to the
EEPROM and allowing the write cycle period (t
WC) of 10ms to elapse:
.
Software Data Protection Enable Sequence
10ms
Address
5555
AAAA or 2AAA
5555
Data
AA AA AA AA
55 55 55 55
A0 A0 A0 A0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com