Electronic Components Datasheet Search
  English  ▼

X  

TA1SC25G Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TA1SC25G
Description  SineWave (VC) TCXO Oscillator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TA1SC25G Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TA1SC25G Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ELECTRICAL SPECIFICATIONS
Environmental/Mechanical Specifications on page F5
Frequency Range
9.600MHz to 35.000MHz
Frequency Stability
All values inclusive of temperature, aging, and load
See Table 1 Above.
Operating Temperature Range
See Table 1 Above.
Storage Temperature Range
-40°C to 85°C
Supply Voltage
3.3 VDC ±5% / 5.0 VDC ±5%
Load Drive Capability
10kOhms // 10pF
Output Voltage
1Vp-p Minimum
Internal Trim (Top of Can)
±3ppm Minimum
Control Voltage (External)
2.5Vdc ±2.0Vdc
Positive Transfer Characteristics
Frequency Deviation
±5ppm Minimum Over Control Voltage
Aging (@ 25°C)
±1ppm / year Maximum
Frequency Stability
Vs. Operating Temperature
See Table 1 Above.
Vs. Inpput Voltage (±5%)
±0.3ppm Maximum
Vs. Load (±2kOhms // ±2pF)
±0.3ppm Maximum
Input Current
9.600MHz to 20.000MHz
1.5mA Maximum
20.001MHz to 29.999MHz
2.0mA Maximum
30.000MHz to 35.000MHz
3.0mA Maximum
All Dimensions in mm.
TA1S (SMD), TB1S (Thru Hole) Series
SineWave (VC) TCXO Oscillator
TEL 949-366-8700
FAX 949-366-8707
WEB http://www.caliberelectronics.com
MECHANICAL DIMENSIONS
Marking Guide on page F3-F4
Pin 1:
Control Voltage (Not present when Control Voltage is specified as “No Connect”
Pin 8:
Output
Pin 7:
Case Ground
Pin 14: Supply Voltage
11.7
±0.3
7.5
±0.3
18.3 ±0.3
0.067” TYP
1.5
±0.3
8
14
1
7
4.5 ±0.3
4.0 ±0.3
21.3
±0.5
4.0 ±0.3
Frequency
Adjust
PART NUMBERING GUIDE
Revision: 1996-C
TABLE 1
Operating
Temperature
Frequency Stability (±ppm)
* Denotes Availability of Options
Range
1.5ppm
2.0ppm
2.5ppm
3.0ppm
3.5ppm
5.0ppm
Code
15
20
25
30
35
50
0 to 50°C
A
*
*
*
*
*
*
-10 to 60°C
B
*
*
*
*
*
*
-20 to 70°C
C
*
*
*
*
*
*
-30 to 60°C
D
*
*
*
*
*
-30 to 75°C
E
*
*
*
*
*
-35 to 85°C
F
*
*
*
*
-40 to 80°C
G
*
*
*
8
14
1
7
18.3
±0.5
Frequency
11.7
±0.5
4.0 ±0.3
2.5 ±0.3
4.5
5.0 ±0.3
.45
1.2 +0/-0.5
7.5 ±0.3
15.0 ±0.4
TB1S 3 20 C V 10.000MHz
Pin One Connection
Blank = No Connection
V = External Control Voltage
Operating Temperature
See Table 1 for Code/Range
Package
TA1S = SMD
TB1S = Thru Hole
Inclusive Stability
See Table 1 for Code/Tolerance
Supply Voltage
3 = 3.3 VDC ±5%
Blank = 5.0 VDC ±5%
CAL I BER
Electr on ics In c.
Lead-Free
RoHS Compliant


Similar Part No. - TA1SC25G

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
TA1S CALIBER-TA1S Datasheet
75Kb / 1P
SineWave (VC) TCXO Oscillator
logo
PANDUIT CORP.
TA1S10-C PANDUIT-TA1S10-C Datasheet
108Kb / 1P
4-Way Tie Anchor Mounts-Screw Applied
TA1S10-M0 PANDUIT-TA1S10-M0 Datasheet
108Kb / 1P
4-Way Tie Anchor Mounts-Screw Applied
logo
Caliber Electronics Inc...
TA1S15A CALIBER-TA1S15A Datasheet
75Kb / 1P
SineWave (VC) TCXO Oscillator
TA1S15AV CALIBER-TA1S15AV Datasheet
75Kb / 1P
SineWave (VC) TCXO Oscillator
More results

Similar Description - TA1SC25G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CVTC325B5 ETC2-CVTC325B5 Datasheet
35Kb / 1P
4 Pad Clipped Sinewave VC - TCXO Oscillator
logo
Caliber Electronics Inc...
CVTC CALIBER-CVTC Datasheet
40Kb / 1P
4 Pad Clipped Sinewave VC - TCXO Oscillator
TA1S CALIBER-TA1S Datasheet
75Kb / 1P
SineWave (VC) TCXO Oscillator
logo
Suntsu Electronics, Inc...
STC11K SUNTSU-STC11K Datasheet
335Kb / 3P
Ceramic SMD 4 Pad Clipped Sinewave (VC)TCXO
STC21K SUNTSU-STC21K Datasheet
440Kb / 3P
Ceramic SMT 6 Pad Clipped Sinewave (VC)TCXO
STC22K SUNTSU-STC22K Datasheet
600Kb / 3P
Ceramic SMT 4 Pad Clipped Sinewave (VC)TCXO
STC32K SUNTSU-STC32K Datasheet
902Kb / 4P
Ceramic SMT 4 Pad Clipped Sinewave (VC)TCXO
STC53K SUNTSU-STC53K Datasheet
837Kb / 4P
Ceramic SMT 4 Pad Clipped Sinewave (VC)TCXO
STC75K SUNTSU-STC75K Datasheet
788Kb / 4P
Ceramic SMT 10 Pad Clipped Sinewave (VC)TCXO
STCFSK SUNTSU-STCFSK Datasheet
398Kb / 3P
Metal Full Size Dip Clipped Sinewave (VC)TCXO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com