Electronic Components Datasheet Search
  English  ▼

X  

SFS4410 Datasheet(PDF) 1 Page - SemiWell Semiconductor

Part # SFS4410
Description  Logic N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIWELL [SemiWell Semiconductor]
Direct Link  http://www.semiwellsemi.co.kr
Logo SEMIWELL - SemiWell Semiconductor

SFS4410 Datasheet(HTML) 1 Page - SemiWell Semiconductor

  SFS4410 Datasheet HTML 1Page - SemiWell Semiconductor SFS4410 Datasheet HTML 2Page - SemiWell Semiconductor SFS4410 Datasheet HTML 3Page - SemiWell Semiconductor SFS4410 Datasheet HTML 4Page - SemiWell Semiconductor SFS4410 Datasheet HTML 5Page - SemiWell Semiconductor SFS4410 Datasheet HTML 6Page - SemiWell Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Absolute Maximum Ratings
Symbol
Parameter
Value
Units
VDSS
Drain to Source Voltage
30
V
ID
Continuous Drain Current(@TA = 25°C)
10
A
IDM
Drain Current Pulsed
(Note 1)
50
A
VGS
Gate to Source Voltage
±20
V
PD
Total Power Dissipation Single Operation (TA=25°C)
2.5
W
Total Power Dissipation Single Operation (TA=70°C)
1.6
W
TSTG, TJ
Operating Junction Temperature & Storage Temperature
- 55 ~ 150
°C
TL
Maximum Lead Temperature for soldering purpose,
1/8 from Case for 5 seconds.
300
°C
Thermal Characteristics
Symbol
Parameter
Value
Units
Min.
Typ.
Max.
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 4)
--
50
°C/W
SFS4410
January, 2003. Rev. 0.
1/6
Features
■
RDS(on) (Max 0.0135Ω )@VGS=10V
RDS(on) (Max 0.020Ω )@VGS=4.5V
■
Gate Charge (Typical 33nC)
■
Maximum Junction Temperature Range (150°C)
■
Available in Tape and Reel
General Description
This Power MOSFET is produced using Semiwell’s advanced
planar stripe, DMOS technology. This latest technology has been
especially designed to minimize on-state resistance, have a low
gate charge with superior switching performance, and rugged
avalanche characteristics.This Power MOSFET is well suited
for power management circuit or DC-DC converter.
SemiWell Semiconductor
Copyright@SemiWell Semiconductor Co., Ltd., All rights reserved.
Logic N-Channel MOSFET
8-SOIC
Symbol
S
G
D
1
2
3
4
5
6
7
8
D
D
D
S
S
D
D
D
D
S
S
G
S
PRELIMINARY


Similar Part No. - SFS4410

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SFS4410 ETC-SFS4410 Datasheet
1,011Kb / 6P
Logic N-Channel MOSFET
logo
VBsemi Electronics Co.,...
SFS4410 VBSEMI-SFS4410 Datasheet
1,006Kb / 9P
N-Channel 20V (D-S) MOSFET
More results

Similar Description - SFS4410

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SFP95N03L ETC-SFP95N03L Datasheet
1Mb / 7P
Logic N-Channel MOSFET
SFD3055 ETC1-SFD3055 Datasheet
971Kb / 7P
Logic N-Channel MOSFET
logo
SemiWell Semiconductor
SFB95N03L SEMIWELL-SFB95N03L Datasheet
1Mb / 7P
Logic N-Channel MOSFET
SFD3055L SEMIWELL-SFD3055L Datasheet
972Kb / 7P
Logic N-Channel MOSFET
SFP60N03L SEMIWELL-SFP60N03L Datasheet
997Kb / 7P
Logic N-Channel MOSFET
SFS4416 SEMIWELL-SFS4416 Datasheet
1Mb / 6P
Logic N-Channel MOSFET
SFS9410 SEMIWELL-SFS9410 Datasheet
978Kb / 6P
Logic N-Channel MOSFET
SFD45N03L SEMIWELL-SFD45N03L Datasheet
1Mb / 7P
Logic N-Channel MOSFET
SFD60N03L SEMIWELL-SFD60N03L Datasheet
1Mb / 7P
Logic N-Channel MOSFET
SFP95N03L SEMIWELL-SFP95N03L Datasheet
1Mb / 7P
Logic N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com