| Electronic Components Datasheet Search |
|
STB3NA80 Datasheet(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STB3NA80 Datasheet(HTML) 8 Page - STMicroelectronics |
|
8 / 10 page ![]() DIM. mm inch MIN. TYP. MAX. MIN. TYP. MAX. A 4.3 4.6 0.169 0.181 A1 2.49 2.69 0.098 0.106 B 0.7 0.93 0.027 0.036 B1 1.2 1.38 0.047 0.054 B2 1.25 1.4 0.049 0.055 C 0.45 0.6 0.017 0.023 C2 1.21 1.36 0.047 0.053 D 9 9.35 0.354 0.368 e 2.44 2.64 0.096 0.104 E 10 10.28 0.393 0.404 L 13.2 13.5 0.519 0.531 L1 3.48 3.78 0.137 0.149 L2 1.27 1.37 0.050 0.054 L L1 D L2 TO-262 (I2PAK) MECHANICAL DATA STB3NA80 8/10 |