Electronic Components Datasheet Search
  English  ▼

X  

BAT48 Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # BAT48
Description  Small-Signal Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

BAT48 Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  BAT48 Datasheet HTML 1Page - GOOD-ARK Electronics BAT48 Datasheet HTML 2Page - GOOD-ARK Electronics BAT48 Datasheet HTML 3Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
Ratings at 25oC ambient temperature unless otherwise specified.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
S.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
e
g
a
t
l
o
v
n
w
o
d
k
a
e
r
b
e
s
r
e
v
e
R
0
0
1
h
t
i
w
d
e
t
s
e
t
u
s
e
s
l
u
p
A
V
R
)
R
B
(
0
4-
-
s
t
l
o
V
t
n
e
r
r
u
c
e
g
a
k
a
e
L
t
t
s
e
t
e
s
l
u
p
p
0
0
3
<
u ,
s
δ %
2
<
t
aV
R
V
0
1
=
V
t
a
R
T
,
V
0
1
=
j
0
6
=
OC
V
t
a
R
V
0
2
=
V
t
a
R
T
,
V
0
2
=
j
0
6
=
OC
V
t
a
R
V
0
4
=
V
t
a
R
T
,
V
0
4
=
j
0
6
=
OC
I
R
-
-
-
-
-
-
-
-
-
-
-
-
2
5
1
5
5
2
5
2
0
5
uA
e
g
a
t
l
o
v
d
r
a
w
r
o
F
t
t
s
e
t
e
s
l
u
p
p
0
0
3
<
u ,
s
δ %
2
<
t
aI
F
A
m
1
.
0
=
I
t
a
F
A
m
0
.
1
=
I
t
a
F
A
m
0
1
=
I
t
a
F
A
m
0
5
=
I
t
a
F
A
m
0
0
2
=
I
t
a
F
A
m
0
0
5
=
V
F
-
-
-
-
-
-
-
-
-
-
-
-
5
2
.
0
0
3
.
0
0
4
.
0
0
5
.
0
5
7
.
0
0
9
.
0
t
l
o
V
e
c
n
a
t
i
c
a
p
a
C
t
aV
R
z
H
M
1
=
f
,
V
1
=
C
t
o
t
-2
1-
pF
Notes:
1. Valid provided that leads at a distance of 4mm from case are kept at ambient temperature(DO-35)
684



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com