Electronic Components Datasheet Search
  English  ▼

X  

RT3K33M Datasheet(PDF) 3 Page - Isahaya Electronics Corporation

Part # RT3K33M
Description  Composite Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

RT3K33M Datasheet(HTML) 3 Page - Isahaya Electronics Corporation

  RT3K33M Datasheet HTML 1Page - Isahaya Electronics Corporation RT3K33M Datasheet HTML 2Page - Isahaya Electronics Corporation RT3K33M Datasheet HTML 3Page - Isahaya Electronics Corporation RT3K33M Datasheet HTML 4Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TYPICAL CHARACTERISTICS
ISAHAYA ELECTRONICS CORPORATION
ID -VDS
0
20
40
60
80
100
024
68
10
Drain-Source voltage VDS (V)
Ta=25℃
1.1V
1.2V
1.3V
1.4V
1.5V
1.6V
VGS=1.0V
ID -VDS(Low voltage region)
0
0.2
0.4
0.6
0.8
1
0
0.1
0.2
0.3
0.4
0.5
Drain-Source voltage VDS (V)
Ta=25℃
VGS=0.8V
0.85V
0.9V
0.95V
1.0V
IDR -VDS
1
10
100
-0
-0.5
-1
-1.5
-2
Drain-Source voltage VDS (V)
Ta=25℃
VGS=0V
C - VDS
1
10
100
0.1
1
10
100
Drain-Source voltage VDS (V)
Ta=25℃
VGS=0V
Coss
Ciss
VDS(ON) -ID
0.1
1
10
100
1000
1
10
100
Drain current ID (mA)
Ta=25℃
VGS=4V
|Yfs| - ID
1
10
100
1000
1
10
100
1000
Drain current ID (mA)
Ta=25℃
VDS=10V
ID -VGS
1
10
100
1000
01
2
3
45
Gate-Source voltage VGS (V)
Ta=25℃
VDS=10V
t - ID
1
10
100
1000
10000
0.1
1
10
100
Drain current ID (mA)
tf
toff
Ta=25℃
ton
tr



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com