Electronic Components Datasheet Search
  English  ▼

X  

RT3P33M Datasheet(PDF) 1 Page - Isahaya Electronics Corporation

Part # RT3P33M
Description  Composite Transistor With Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

RT3P33M Datasheet(HTML) 1 Page - Isahaya Electronics Corporation

  RT3P33M Datasheet HTML 1Page - Isahaya Electronics Corporation RT3P33M Datasheet HTML 2Page - Isahaya Electronics Corporation RT3P33M Datasheet HTML 3Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DESCRIPTION
RT3P33M is a composite transistor built with
RT1P441 chip and RT1P441 chip in SC-88 package.
FEATURE
Silicon epitaxial type
Each transistor elements are independent.
Mini package for easy mounting
APPLICATION
Inverted circuit, switching circuit,
interface circuit, driver circuit
PRELIMINARY
RT3P33M
Composite Transistor With Resistor
For Switching Application
Silicon Epitaxial Type
OUTLINE DRAWING
Unit:mm
MAXIMUM RATING (Ta=25℃)
SYMBOL
PARAMETER
RATING
UNIT
VCBO
Collector to Base voltage
-50
V
VEBO
Emitter to Base voltage
-10
V
VCEO
Collector to Emitter voltage
-50
V
IC
Collector current
-100
mA
ICM
Peak Collector current
-200
mA
PC
Collector dissipation(Total, Ta=25℃)
150
mW
Tj
Junction temperature
+
150
℃
Tstg
Storage temperature
-55∼+150
℃
MARKING
3
P3
.
① ② ③
⑥ ⑤ ④
ISAHAYA ELECTRONICS CORPORATION
TERMINAL
CONNECTOR
①:
EMITTER1
②:
BASE1
③:
COLLECTOR2
④:
EMITTER2
⑤:
BASE2
⑥
:COLLECTOR1
JEITA:SC-88
1.25
2.1
①
②
③
⑤
④
⑥
R1
R2
RTr1
①
②
④
⑤
R2
RTr2
③
R1
⑥


Similar Part No. - RT3P33M

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
RT3P11M ISAHAYA-RT3P11M Datasheet
61Kb / 3P
Composite Transistor With Resistor
RT3P55M ISAHAYA-RT3P55M Datasheet
178Kb / 3P
Composite Transistor With Resistor For Switching Application Silicon Epitaxial Type
RT3P66M ISAHAYA-RT3P66M Datasheet
56Kb / 3P
Composite Transistor With Resistor
RT3P66U ISAHAYA-RT3P66U Datasheet
178Kb / 3P
Composite Transistor With Resistor
RT3P77M ISAHAYA-RT3P77M Datasheet
176Kb / 3P
Composite Transistor With Resistor For Switching Application Silicon Epitaxial Type
More results

Similar Description - RT3P33M

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
RT3N33M ISAHAYA-RT3N33M Datasheet
57Kb / 3P
Composite Transistor With Resistor
RT3N66M ISAHAYA-RT3N66M Datasheet
58Kb / 3P
Composite Transistor With Resistor
RT3NFFM ISAHAYA-RT3NFFM Datasheet
62Kb / 3P
Composite Transistor With Resistor
RT3P11M ISAHAYA-RT3P11M Datasheet
61Kb / 3P
Composite Transistor With Resistor
RT3P66U ISAHAYA-RT3P66U Datasheet
178Kb / 3P
Composite Transistor With Resistor
RT3T11M ISAHAYA-RT3T11M Datasheet
63Kb / 4P
Composite Transistor With Resistor
RT3T33M ISAHAYA-RT3T33M Datasheet
57Kb / 3P
Composite Transistor With Resistor
RT3T55U ISAHAYA-RT3T55U Datasheet
164Kb / 4P
Composite Transistor With Resistor
RT3T66M ISAHAYA-RT3T66M Datasheet
56Kb / 3P
Composite Transistor With Resistor
RT3TAAM ISAHAYA-RT3TAAM Datasheet
140Kb / 4P
Composite Transistor With Resistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com