Electronic Components Datasheet Search
  English  ▼

X  

RT5P141C Datasheet(PDF) 2 Page - Isahaya Electronics Corporation

Part # RT5P141C
Description  Transistor With Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

RT5P141C Datasheet(HTML) 2 Page - Isahaya Electronics Corporation

  RT5P141C Datasheet HTML 1Page - Isahaya Electronics Corporation RT5P141C Datasheet HTML 2Page - Isahaya Electronics Corporation RT5P141C Datasheet HTML 3Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TYPICAL CHARACTERISTICS
RT5P141C
Transistor With Resistor
For Switching Application
Silicon PNP Epitaxial Type
ELECTRICAL CHARACTERISTICS (Ta=25℃)
LIMIT
SYMBOL
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
V I(on)
Input on voltage
VCE=-0.3V,IC=-10mA
―
―
-3
V
V I(off)
Input off voltage
VCE=-5V,IC=-100μA
-0.5
―
―
V
VCE(sat)
C to E saturation voltage
IC=-50mA,IB=-2.5mA
―
-0.1
-0.3
V
IBE
B to E current
VEB=-5V
―
―
-0.88
mA
ICES
Collector cut off current
VCE=-50V,VBE=-0V
―
―
-0.5
μ
A
GI
DC forward current gain
VCE=-5V,IE=-50mA
56
―
―
―
R1
Input resistor
―
7
10
13
kΩ
R2/R1
Resistor ratio
―
0.8
1
1.2
fT
Gain band width product
VCE=-10V,IE=5mA,f=100MHz
―
150
―
MHz
ISAHAYA ELECTRONICS CORPORATION
COLLECTOR DISSIPATION
VS.AMBIENT TEMPERATURE
0
50
100
150
200
250
0
50
100
150
AMBIENT TEMPERATURE Ta (℃)
COLLECTOR CURRENT
VS.INPUT OFF VOLTAGE
-0.01
-0.1
-1
-10
-0.0
-0.4
-0.8
-1.2
-1.6
-2.0
INPUT OFF VOLTAGE VI(off) (V)
VCE=-5V
INPUT ON VOLTAGE
VS.COLLECTOR CURRENT
-0.1
-1
-10
-100
-1
-10
-100
-1000
COLLECTOR CURRENT Ic (mA)
VCE=-0.2V
DC FORWARD CURRENT GAIN
VS.COLLECTOR CURRENT
1
10
100
1000
-1
-10
-100
-1000
COLLECTOR CURRENT Ic (mA)
VCE=-5V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com