Electronic Components Datasheet Search
  English  ▼

X  

EM742SP16 Datasheet(PDF) 10 Page - Emerging Memory & Logic Solutions Inc

Part # EM742SP16
Description  256K x 16Bit Multiplexed Single Transistor RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM742SP16 Datasheet(HTML) 10 Page - Emerging Memory & Logic Solutions Inc

Back Button EM742SP16 Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM742SP16 Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM742SP16 Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM742SP16 Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM742SP16 Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM742SP16 Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM742SP16 Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM742SP16 Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EM742SP16 Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
EM742SP16
256Kx16 Multiplexed STRAM
10
EM X XX X X X XX X X - XX XX
MEMORY FUNCTION GUIDE
1. EMLSI Memory
2. Device Type
3. Density
5. Technology
6. Operating Voltage
8. Version
9. Packages
10. Speed
7. Organization
1. Memory Component
2. Device Type
6 ------------------------ Low Power SRAM
7 ------------------------ STRAM
3. Density
1 ------------------------- 1M
2 ------------------------- 2M
4 ------------------------- 4M
8 ------------------------- 8M
16 ----------------------- 16M
32 ----------------------- 32M
64 ----------------------- 64M
4. Function
0 ----------------------- Dual CS
1 ----------------------- Single CS
2 ----------------------- Multiplexed
5. Technology
Blank ----------------- CMOS
F ------------------------ Full CMOS
S ------------------------ Single Transistor
6. Operating Voltage
Blank ------------------ 5V
V ------------------------- 3.3V
U ------------------------- 3.0V
S ------------------------- 2.5V
R ------------------------- 2.0V
P ------------------------- 1.8V
O ------------------------- 1.5V
7. Organization
8 ---------------------- x8 bit
16 ---------------------- x16 bit
32 ---------------------- x32 bit
8. Version
Blank ----------------- Mother die
A ----------------------- First version
B ----------------------- Second version
C ----------------------- Third version
D ----------------------- Fourth version
E ----------------------- Fifth version
9. Package
Blank ----------------- Package
W ----------------------- Wafer
10. Speed
45 ---------------------- 45ns
55 ---------------------- 55ns
70 ---------------------- 70ns
85 ---------------------- 85ns
90 ---------------------- 90ns
10 --------------------- 100ns
12 --------------------- 120ns
11. Power
LL --------------------- Low Low Power
L ---------------------- Low Power
S ---------------------- Standard Power
4. Option
11. Power



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com