Electronic Components Datasheet Search
  English  ▼

X  

CC6F Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # CC6F
Description  SM Crystal Mil Temp High Freq Fundamental
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

CC6F Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  CC6F Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SM Crystal Mil Temp High Freq Fundamental
CC6F
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
20 Jun 2006
ACTUAL SIZE
0.80
0.80
0.70 (max)
3.60
(max)
2.30
(max)
SOLDER PAD LAYOUT
1.50
TOP VIEW
2.50
1.20
1.20
Package type + termination + option code (if any) +
frequency
eg: CC6F-T1A 155.52MHz 50/30/40/10 (standard)
CC6F-T1A/M 77.76MHz ±50ppm 30pF
Option code X (eg CC6F-T1A/X) denotes a custom spec.
Ordering Information
Specifications
Features
« Fundamental mode up to 250MHz
« Inverted mesa technology
« High shock & vibration resistance
« Military temperature range option
« Low power consumption
CC6F
Parameters
Product
Option
Code
Standard.
Optional - Please specify required code(s) when ordering
Available on T&R (3k or 7k pcs/reel) or trays (200pcs/tray).
Refer to our website for T&R and soldering details.
Scale 3:1
Terminations:
Gold plated pads
T1A
Frequency range: 30.0 ~ 250MHz
Calibration tolerance:
±50ppm
Other
specify
Temperature stability / range:
±30ppm over -40 to +85°C
±100ppm over -55 to +125°C
M
Other
specify
Storage temperature range:
-55 to +125°C
Circuit condition:
10pF
Other
specify
Static capacitance (C
0):
2.4pF typ @ 50.0MHz
2.9pF typ @ 155.52MHz
Motional capacitance (C
1):
2.7fF typ @ 50.0MHz
5.6fF typ @ 155.52MHz
Equivalent series resistance:
50
typ, 100
max @ 50.0MHz
15
typ, 35
max @ 155.52MHz
Ageing:
±3ppm max first year
Drive level:
100µW max
Shock resistance:
±5ppm, 5,000g, 0.3ms, ½ sine
Vibration resistance:
±5ppm, 20g, 10.0 ~ 2,000Hz
Soldering condition:
Reflow, 260°C, 20 sec max
Standard Frequencies
Fundamental in MHz
50.000000
77.760000
100.000000
106.250000
125.000000
155.520000
166.628600
200.000000
207.360000
212.500000
250.000000


Similar Part No. - CC6F

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
CC6F GOLLEDGE-CC6F Datasheet
53Kb / 1P
SM Crystal Mil Temp High Freq Fundamental
CC6F-T1A GOLLEDGE-CC6F-T1A Datasheet
53Kb / 1P
SM Crystal Mil Temp High Freq Fundamental
logo
MICORO CRYSTAL SWITZERL...
CC6F-T1A MICROCRYSTAL-CC6F-T1A Datasheet
197Kb / 2P
Inverted Mesa AT Crystal 30 MHz - 250 MHz
CC6F-T1A MICROCRYSTAL-CC6F-T1A Datasheet
513Kb / 2P
Inverted Mesa AT Crystal 70 MHz ??250 MHz
logo
Golledge Electronics Lt...
CC6F-T1A GOLLEDGE-CC6F-T1A Datasheet
555Kb / 4P
Fundamental mode up to 250MHz
More results

Similar Description - CC6F

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
CC1A GOLLEDGE-CC1A Datasheet
54Kb / 1P
SM Crystal Mil Temp
CC1F GOLLEDGE-CC1F Datasheet
58Kb / 1P
SM Crystal Mil Temp High Freq Fundamental
CC1V GOLLEDGE-CC1V Datasheet
60Kb / 1P
SM Crystal Mil Temp Low Freq
CC6F GOLLEDGE-CC6F Datasheet
53Kb / 1P
SM Crystal Mil Temp High Freq Fundamental
GSX2F GOLLEDGE-GSX2F Datasheet
57Kb / 1P
SM Crystal High Frequency Fundamental
CC5V GOLLEDGE-CC5V_06 Datasheet
56Kb / 1P
SM Watch Crystal Mil Temp
CC7V GOLLEDGE-CC7V_06 Datasheet
55Kb / 1P
SM Watch Crystal Mil Temp
CC1F GOLLEDGE-CC1F_16 Datasheet
136Kb / 1P
SM Crystal High Freq Fundamental
CC1V GOLLEDGE-CC1V_16 Datasheet
138Kb / 1P
SM Crystal Low Freq
CC6F GOLLEDGE-CC6F_16 Datasheet
127Kb / 1P
SM Crystal High Freq Fundamental
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com