Electronic Components Datasheet Search
  English  ▼

X  

EMP216MEAW Datasheet(PDF) 13 Page - Emerging Memory & Logic Solutions Inc

Part # EMP216MEAW
Description  2Mx16 Pseudo Static RAM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EMP216MEAW Datasheet(HTML) 13 Page - Emerging Memory & Logic Solutions Inc

Back Button EMP216MEAW Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EMP216MEAW Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EMP216MEAW Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EMP216MEAW Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EMP216MEAW Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc EMP216MEAW Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc EMP216MEAW Datasheet HTML 12Page - Emerging Memory & Logic Solutions Inc EMP216MEAW Datasheet HTML 13Page - Emerging Memory & Logic Solutions Inc EMP216MEAW Datasheet HTML 14Page - Emerging Memory & Logic Solutions Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
EMP216MEAW Series
2Mx16 Pseudo Static RAM
Preliminary
Rev 0.0
Address Information for PASR mode and RMS mode
Partial Array Self Refresh Mode (A3=0, A4=1)
Reduced Memory Size Mode (A3=1, A4=1)
Low Power Mode Characteristics
A2
A1
A0
Refresh Section
Address
Size
Density
0
1
1
1/4
000000h~07FFFFh
512Kb x 16
8Mb
0
1
0
1/2
000000h~0FFFFFh
1Mb x 16
16Mb
X
0
0
Full
000000h~1FFFFFh
2Mb x 16
32Mb
1
1
1
1/4
180000h~1FFFFFh
512Kb x 16
8Mb
1
1
0
1/2
100000h~1FFFFFh
1Mb x 16
16Mb
A2
A1
A0
Refresh Section
Address
Size
Density
0
1
1
1/4
000000h~07FFFFh
512Kb x 16
8Mb
0
1
0
1/2
000000h~0FFFFFh
1Mb x 16
16Mb
1
1
1
1/4
180000h~1FFFFFh
512Kb x 16
8Mb
1
1
0
1/2
100000h~1FFFFFh
1Mb x 16
16Mb
Parameter
Symbol
Test Conditions
Array
Min
Typ
Max
Unit
Deep Power Down Current
IZZ
ZZ# < 0.2V, Other inputs = 0 ~ VCCQ
(Max. condition : VCC=3.3V @ 85oC)
No Refresh
-
-
10
uA
Partial Array Refresh Mode
Standby Current
IZZa
1/4 Array
-
-
65
uA
IZZb
1/2 Array
-
-
75
uA
Reduced Memory Size
Mode Standby Current
ISB1a
RMS mode. Other inputs = 0 ~ VCCQ
(Max. condition : VCC=3.3V @ 85oC)
1/4 Array
-
-
65
uA
ISB1b
1/2 Array
-
-
75
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com