Electronic Components Datasheet Search
  English  ▼

X  

GSX-751 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # GSX-751
Description  SM Crystal - Metal Lid
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

GSX-751 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  GSX-751 Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0 to +50C
-10 to +60C
-20 to +70C
-30 to +80C
-40 to +85C
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
SM Crystal - Metal Lid
GSX-751
28 Mar 2008
ACTUAL SIZE
7.20
(max)
5.20
(max)
1.50
(max)
SOLDER PAD LAYOUT
2.54
1.00
1.20
4.60
1.40
1.10
1.40
2.20 4.10 2.20
TOP VIEW
6.40
4.60
PAD
1
2
3
4
CONNECTION
Crystal
Ground & lid
Crystal
Ground & lid
12
431
2
43
Features
« Metal lid can be grounded to minimise EMI
« Seam seal for excellent long-term stability
« Frequencies up to 130MHz
« Tight specifications available
Standard Frequencies
Product name + option codes + frequency
eg: GSX-751/111DF 14.31818MHz 10/10/10/16-F
GSX-751/LP2S 36.0MHz 05/15/20/SR-3
Option code X (eg GSX-751/X) denotes a custom specification.
Ordering Information
Fundamental in MHz
3rd Overtone
GSX-751
Option
Codes
Product
Parameters
Standard.
Optional - Please specify required code(s) when ordering
Scale 2:1
10.000000
11.059200
12.000000
14.318180
14.745600
15.000000
16.000000
16.000312
16.588800
18.432000
19.660800
20.000000
24.000000
24.000140
24.576000
25.000000
29.491200
30.000000
32.000000
33.868800
35.251200
36.000000
40.000000
36.000000
40.000000
40.320000
50.000000
64.000000
66.666000
Specifications
Available on T&R - 1k pcs per reel.
Refer to our website for T&R and soldering details.
Temperature Stability
The table shows available combinations of stability (in ppm)
and temperature range.
±20
±15
-
±10
-
-
±7.5
-
-
±5
-
-
-
Frequency range:
8.0 ~ 130MHz
Calibration tolerance:
±5ppm
L
±7.5ppm
M
±10ppm
1
±20ppm
2
Other values
specify
Temperature stability:
±5ppm
L
±7.5ppm
M
±10ppm
1
±15ppm
P
±20ppm
2
Other values
specify
Operating temperature range:
0 to +50C
0
-10 to +60C
1
-20 to +70C
2
-30 to +80C
3
-40 to +85C
4
Other values
specify
Circuit condition:
12pF
B
16pF
D
18pF
E
20pF
F
30pF
J
Series resonant
S
Other values
specify
Oscillation mode:
Fundamental (8.0 ~ 40.0MHz)
F
3rd overtone (30.0 ~ 100MHz)
3
Static capacitance (C
0):
5pF max
Equivalent series resistance (max):
60 (8.0 ~ 9.9MHz)
40 (10.0 ~ 14.9MHz)
30 (15.0 ~ 40.0MHz, fund)
80 (30.0 ~ 130.0MHz, 3rd OT)
Ageing:
±3ppm max first year
±1ppm max first year
specify
Test drive level:
100µW
Soldering condition:
260 C, 10 sec x2 max


Similar Part No. - GSX-751

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GSX-751 GOLLEDGE-GSX-751 Datasheet
58Kb / 1P
SM Crystal Metal Lid
GSX-751 GOLLEDGE-GSX-751 Datasheet
576Kb / 6P
7.0 x 5.0mm High Frequency SM Crystal with Tight Specifications
GSX-751111DF GOLLEDGE-GSX-751111DF Datasheet
58Kb / 1P
SM Crystal Metal Lid
GSX-751LP2S GOLLEDGE-GSX-751LP2S Datasheet
58Kb / 1P
SM Crystal Metal Lid
More results

Similar Description - GSX-751

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GSX331 GOLLEDGE-GSX331 Datasheet
55Kb / 1P
SM Crystal Metal Lid
GSX431 GOLLEDGE-GSX431 Datasheet
56Kb / 1P
SM Crystal Mtal Lid
GSX531 GOLLEDGE-GSX531 Datasheet
61Kb / 1P
SM Crystal Metal Lid
GSX532 GOLLEDGE-GSX532 Datasheet
57Kb / 1P
SM Crystal Ceramic Lid
GSX641 GOLLEDGE-GSX641 Datasheet
56Kb / 1P
SM Crystal Metal Lid
GSX642 GOLLEDGE-GSX642 Datasheet
47Kb / 1P
SM Crystal ceramic Lid
GSX751 GOLLEDGE-GSX751 Datasheet
58Kb / 1P
SM Crystal Metal Lid
GSX752 GOLLEDGE-GSX752 Datasheet
58Kb / 1P
SM Crystal Ceramic Lid
GSX852 GOLLEDGE-GSX852 Datasheet
56Kb / 1P
SM Crystal Ceramic Lid
GSX-531 GOLLEDGE-GSX-531_15 Datasheet
172Kb / 2P
SM Crystal - Metal Lid
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com