Electronic Components Datasheet Search
  English  ▼

X  

LMC7221AIM Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC7221AIM
Description  Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC7221AIM Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LMC7221AIM Datasheet HTML 5Page - National Semiconductor (TI) LMC7221AIM Datasheet HTML 6Page - National Semiconductor (TI) LMC7221AIM Datasheet HTML 7Page - National Semiconductor (TI) LMC7221AIM Datasheet HTML 8Page - National Semiconductor (TI) LMC7221AIM Datasheet HTML 9Page - National Semiconductor (TI) LMC7221AIM Datasheet HTML 10Page - National Semiconductor (TI) LMC7221AIM Datasheet HTML 11Page - National Semiconductor (TI) LMC7221AIM Datasheet HTML 12Page - National Semiconductor (TI) LMC7221AIM Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Application Information (Continued)
REEL DIMENSIONS
01234619
8 mm
7.00
0.059 0.512 0.795 2.165
0.331 + 0.059/−0.000
0.567
W1+ 0.078/−0.039
330.00
1.50
13.00 20.20 55.00
8.40 + 1.50/−0.00
14.40
W1 + 2.00/−1.00
Tape Size
A
B
C
D
N
W1
W2
W3
SOT-23-5 Tape and Reel Specification
TAPE FORMAT
Tape Section
# Cavities
Cavity Status
Cover Tape Status
Leader
0 (min)
Empty
Sealed
(Start End)
75 (min)
Empty
Sealed
Carrier
3000
Filled
Sealed
1000
Filled
Sealed
Trailer
125 (min)
Empty
Sealed
(Hub End)
0 (min)
Empty
Sealed
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com