Electronic Components Datasheet Search
  English  ▼

X  

LMH6560MA Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6560MA
Description  Quad, High-Speed, Closed-Loop Buffer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6560MA Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LMH6560MA Datasheet HTML 6Page - National Semiconductor (TI) LMH6560MA Datasheet HTML 7Page - National Semiconductor (TI) LMH6560MA Datasheet HTML 8Page - National Semiconductor (TI) LMH6560MA Datasheet HTML 9Page - National Semiconductor (TI) LMH6560MA Datasheet HTML 10Page - National Semiconductor (TI) LMH6560MA Datasheet HTML 11Page - National Semiconductor (TI) LMH6560MA Datasheet HTML 12Page - National Semiconductor (TI) LMH6560MA Datasheet HTML 13Page - National Semiconductor (TI) LMH6560MA Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Typical Performance Characteristics At T
J = 25˚C, V
+ = +5V, V− = −5V; unless otherwise
specified. (Continued)
THD vs. V
OUT for Various Frequencies
Voltage Noise
20064224
20064229
Linearity V
OUT vs. VIN
Crosstalk vs. Frequency
20064220
20064202
Crosstalk vs. Time
V
OS vs. VSUPPLY for 3 Units
20064203
20064230
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com