Electronic Components Datasheet Search
  English  ▼

X  

MX431 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MX431
Description  PRECISION HIGH VOLTAGE RESISTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MX431 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MX431 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Sales and Corporate Office
1717 Chicago Avenue
Riverside, California 92507-2364
Phone: (951) 788-1700
Fax: (951) 369-1151
Applications Engineering
17271 North Umpqua Hwy.
Roseburg, Oregon 97470-9422
Phone: (541) 496-0700
Fax: (541) 496-0408
e-mail: caddock@caddock.com • web: www.caddock.com
For Caddock Distributors listed by country see caddock.com/contact/dist.html
© 2004 Caddock Electronics, Inc.
CAD
K
DOC
Type MX Precision High Voltage Resistors
1.500 ± .125
(38.10 ± 3.18)
A
B
C
The performance features of the Type MX Precision High
Voltage Resistors are:
• Seven Models with Voltage Ratings from 7.5 KV to 48 KV.
• Temperature Coefficient: 80 ppm/°C from 0°C to +70°C.
• Load Life Stability of 0.50% per 1,000 hours.
• Resistance Tolerance from ±0.1% to ±10%.
• Non-Inductive Design.
• Resistance Range from 1 Megohm to 2,000 Megohms.
Specifications:
Resistance Tolerance: ±1%, ±2%, ±5%, or ±10%
(tolerance to ±0.5%, ±0.25%, or ±0.1% on special
order).
Temperature Coefficient: 80 ppm/°C referenced
to +25°C, ΔR taken at 0°C and +70°C.
Thermal Shock: Mil-Std-202, Method 107,
Cond. A, ΔR, 0.20% max.
Moisture Resistance: Mil-Std-202, Method 106,
Δ
R, 1.0% max.
Load Life: 1,000 hours at rated voltage at +70°C,
not to exceed rated power, ΔR, 0.50% max.
Lead Material: Tinned copper clad steel,
solderable.
Encapsulation: Screen printed high temperature
silicone coating over resistor element.
Max.
Continuous
Oper. Volt.
Watt-
age
Model
No.
A
B
C
Dimensions in inches and (millimeters)
Resistance
Min.
Max.
MX431
.940 ±.040
(23.88 ±1.02)
.270 ±.020
(6.86 ±.51)
.040 ±.002
(1.02 ±.05)
MX440
1.450 ±.040
(36.83 ±1.02)
.270 ±.020
(6.86 ±.51)
.040 ±.002
(1.02 ±.05)
MX450
2.080 ±.040
(52.83 ±1.02)
.270 ±.020
(6.86 ±.51)
.040 ±.002
(1.02 ±.05)
MX480
3.080 ±.050
(78.23 ±1.27)
.270 ±.020
(6.86 ±.51)
.040 ±.002
(1.02 ±.05)
MX485
3.940 ±.050
(100.08 ±1.27)
.270 ±.020
(6.86 ±.51)
.040 ±.002
(1.02 ±.05)
MX510
4.940 ±.080
(125.48 ±2.03)
.270 ±.020
(6.86 ±.51)
.040 ±.002
(1.02 ±.05)
MX515
5.940 ±.080
(150.88 ±2.03)
.330 ±.020
(8.38 ±.51)
.040 ±.002
(1.02 ±.05)
2.0
3.5
5.0
7.5
10.0
12.5
15.0
7,500
11,000
16,000
24,000
32,000
40,000
48,000
80
80
80
80
80
80
80
1 Meg
1.5 Meg
2 Meg
3 Meg
4 Meg
5 Meg
6 Meg
150 Meg
300 Meg
500 Meg
750 Meg
1,000 Meg
1,250 Meg
2,000 Meg
TC
ppm/
°
C
The Type MX Precision High Voltage Resistors were
specifically developed for use in industrial and general purpose
high voltage systems. These resistors combine the proven
performance of Caddock's Micronox® resistance system
with new cost efficient design elements. These resistors
are intended for the design of high voltage systems where
the system is not exposed to full military or space grade
operating conditions. For full military or space grade operating
conditions, we recommend Caddock's
Type TG Low TC
Precision High Voltage Resistors or Type MG Precision
High Voltage Resistors.
Cost Effective High Voltage Resistors for Industrial and General Purpose Applications
Type MX Resistors Utilize Caddock's Patented Coating Design
Type MX Precision High Voltage Resistors combine Caddock's Non-
Inductive serpentine pattern with a
patented, high thru-put screen printed
silicone coating. The alignment of the
gap in the coating pattern with the gap
in the serpentine resistor pattern
provides a complete encapsulation of
the resistor element. The cap and
lead assemblies are pressed onto the
resistor core, finishing the resistor and
providing rugged terminal attachment.
Derating Curve:
DIMENSIONS IN INCHES AND (MILLIMETERS)
MX431
MX450
MX515
MX480
MX510
MX485
MX440
RATED POWER OR
RATED VOLTAGE, %
100
80
60
40
20
0
AMBIENT TEMPERATURE, °C
25
70
175
MX485 -100M - 1%
Model Number:
Resistor Value:
Tolerance
Ordering Information:
Certain products shown in this catalog are covered by one or more patents, there are also patents pending.
28_IL113.1004


Similar Part No. - MX431

ManufacturerPart #DatasheetDescription
logo
Caddock Electronics, In...
MX431 CADDOCK-MX431 Datasheet
393Kb / 1P
Type MX Precision High Voltage Resistors
MX431 CADDOCK-MX431_17 Datasheet
368Kb / 1P
Type MX Precision High Voltage Resistors
More results

Similar Description - MX431

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
T43D WELWYN-T43D Datasheet
164Kb / 2P
High Voltage Precision Thick Film Resistors
logo
List of Unclassifed Man...
TG931 ETC2-TG931 Datasheet
147Kb / 1P
Low TC Precision High Voltage Resistors
MG650 ETC2-MG650 Datasheet
310Kb / 2P
Precision High Voltage Resistors
logo
IRC - a TT electronics ...
CGH IRCTT-CGH Datasheet
90Kb / 3P
Precision High-Voltage Thick Film Resistors
CGX IRCTT-CGX Datasheet
236Kb / 2P
Precision High-Voltage Thick-Film Resistors
logo
List of Unclassifed Man...
HVE20 ETC-HVE20 Datasheet
447Kb / 1P
Precision high voltage resistors
logo
Caddock Electronics, In...
MG650 CADDOCK-MG650 Datasheet
324Kb / 2P
Type MG Precision High Voltage Resistors
logo
Token Electronics Indus...
HI82 TOKEN-HI82 Datasheet
920Kb / 11P
Ultra-Precision High Voltage Film Resistors
logo
Caddock Electronics, In...
MX431 CADDOCK-MX431_17 Datasheet
368Kb / 1P
Type MX Precision High Voltage Resistors
MX500 CADDOCK-MX500 Datasheet
555Kb / 1P
MX500 Series Precision High Voltage Resistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com