Electronic Components Datasheet Search
  English  ▼

X  

MS3V Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MS3V
Description  SM Crystal
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MS3V Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MS3V Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
32.76800
38.40000
75.00000
76.80000
77.50000
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
SM Crystal
MS3V
27 Jul 2006
Option
Codes
ACTUAL SIZE
1.40
5.20
1.50
1.0
0.20
0.50
1.40
0.30
1.5
1.10
2.00
3.80
0.60
SOLDER PAD LAYOUT
1.48
(max)
Features
« Unique square profile case for pick & place
« Low cost
« Miniature size for high density applications
« High shock & vibration resistance
« Wide temperature range
MS3V
Product
Parameters
Product name + termination + frequency + calibration tol.
eg: MS3V-T1R 32.768kHz ±20ppm (standard)
Option code X (eg MS3V-T1R/X) denotes a custom spec.
Ordering Information
Standard.
Optional - Please specify required code(s) when ordering
Scale 3:1
Specifications
Available on T&R - 9k pcs per reel.
Refer to our website for T&R and soldering details.
Specifications vary by frequency. Specifications shown are for
32.768kHz.
Termination:
Gold flashed leads, 1.00mm pitch
T1R
Frequency range:
32.768kHz
32.0 ~ 200kHz
specify
Calibration tolerance:
±20ppm
±30ppm
specify
±100ppm
specify
Operating temperature range:
-40 to +85°C
Storage temperature range:
-55 to +125°C
Circuit condition:
12.5pF
other values
specify
Static capacitance (C
0):
0.9pF typ
Motional capacitance (C
1):
2.1fF typ
Equivalent series resistance:
50k
typ, 65k
max @ 25°C
Ageing:
±3ppm max first year
Drive level:
1.0µW max
Turnover temperature (T
0):
+25°C ±5°C
Frequency / temp coefficient:
-0.035ppm/°C2 ±10% typ
Shock resistance:
±5ppm max 5,000g, 0.3ms, ½ sine
Vibration resistance:
±5ppm max 20g rms 10.0 ~ 2,000Hz
Soldering conditions:
260°C, 20sec max
Frequencies in kHz
Standard Frequencies


Similar Part No. - MS3V

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MS3V GOLLEDGE-MS3V Datasheet
55Kb / 1P
SM Crystal
logo
MICORO CRYSTAL SWITZERL...
MS3V-T1N MICROCRYSTAL-MS3V-T1N Datasheet
222Kb / 2P
Tuning Fork Crystal 32 kHz ??100 kHz
MS3V-T1N MICROCRYSTAL-MS3V-T1N Datasheet
745Kb / 2P
Tuning Fork Crystal 30 kHz ??200 kHz
logo
Golledge Electronics Lt...
MS3V-T1R GOLLEDGE-MS3V-T1R Datasheet
55Kb / 1P
SM Crystal
logo
MICORO CRYSTAL SWITZERL...
MS3V-T1R MICROCRYSTAL-MS3V-T1R Datasheet
114Kb / 2P
Tuning Fork Crystal 30 kHz - 200 kHz
More results

Similar Description - MS3V

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GSX-2 GOLLEDGE-GSX-2 Datasheet
58Kb / 1P
SM CRYSTAL
GSX-8 GOLLEDGE-GSX-8 Datasheet
53Kb / 1P
SM CRYSTAL
GSX-309 GOLLEDGE-GSX-309 Datasheet
58Kb / 1P
SM Crystal
GSX-221 GOLLEDGE-GSX-221 Datasheet
49Kb / 1P
SM Crystal
CC1A GOLLEDGE-CC1A_16 Datasheet
131Kb / 1P
SM Crystal
CC1A-T1AH GOLLEDGE-CC1A-T1AH Datasheet
122Kb / 1P
SM Crystal
CC2A GOLLEDGE-CC2A Datasheet
122Kb / 1P
SM Crystal
CC2A-T1AH GOLLEDGE-CC2A-T1AH Datasheet
121Kb / 1P
SM Crystal
GSX-211 GOLLEDGE-GSX-211 Datasheet
167Kb / 2P
SM Crystal
CC1A-T1AH GOLLEDGE-CC1A-T1AH_18 Datasheet
556Kb / 5P
SM Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com