Electronic Components Datasheet Search
  English  ▼

X  

SL34 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # SL34
Description  Surface Mount Low VF Schottky Barrier Rectifiers Reverse Voltage 20 to 40 Volts Forward Current 3.0 Amperes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SL34 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  SL34 Datasheet HTML 1Page - GOOD-ARK Electronics SL34 Datasheet HTML 2Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For surface mounted application
Metal silicon junction, majority carrier conduction
Low forward voltage drop
Easy pick and place
High surge current capability
Plastic material used carries Underwriters Laboratory
Classification 94V-O
Epitaxial construction
High temperature soldering:
250oC / 10 seconds at terminals
Cases: Molded plastic
Terminals: Solder plated
Polarity: Indicated by cathode band
Weight: 0.09 ounce, 0.25 gram
Notes:
1. Pulse Test with PW=300usec, 1% Duty Cycle.
2. Measured on P.C. Board with 0.2 x 0.2" (5.0 x 5.0 mm) Copper Pad Areas.
a
t
a
D
l
a
c
i
n
a
h
c
e
M
s
e
r
u
t
a
e
F
337
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
d
n
a
s
g
n
i
t
a
R
m
u
m
i
x
a
M
Ratings at 25oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
r
e
t
e
m
a
r
a
Ps
l
o
b
m
y
S2
3
L
S3
3
L
S4
3
L
Ss
t
i
n
U
e
g
a
t
l
o
v
e
s
r
e
v
e
r
k
a
e
p
e
v
i
t
i
t
e
p
e
r
m
u
m
i
x
a
MV
M
R
R
0
20
30
4s
t
l
o
V
e
g
a
t
l
o
v
S
M
R
m
u
m
i
x
a
MV
S
M
R
4
11
28
2s
t
l
o
V
e
g
a
t
l
o
v
g
n
i
k
c
o
l
b
C
D
m
u
m
i
x
a
MV
C
D
0
20
30
4s
t
l
o
V
1
.
g
i
F
e
e
S
t
n
e
r
r
u
c
d
e
i
f
i
t
c
e
r
d
r
a
w
r
o
f
e
g
a
r
e
v
a
m
u
m
i
x
a
MI
)
V
A
(
0
.
3s
p
m
A
e
v
a
w
-
e
n
i
s
f
l
a
h
e
l
g
n
i
s
s
m
3
.
8
,
t
n
e
r
r
u
c
e
g
r
u
s
d
r
a
w
r
o
f
k
a
e
P
)
d
o
h
t
e
M
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
i
r
e
p
u
s
I
M
S
F
0
.
0
0
1s
p
m
A
)
1
e
t
o
N
(
A
0
.
3
@
e
g
a
t
l
o
v
d
r
a
w
r
o
f
s
u
o
e
n
a
t
n
a
t
s
n
i
m
u
m
i
x
a
MV
F
5
8
3
.
05
8
3
.
00
0
4
.
0s
t
l
o
V
t
n
e
r
r
u
c
e
s
r
e
v
e
r
C
D
m
u
m
i
x
a
M
e
g
a
t
l
o
v
g
n
i
k
c
o
l
b
C
D
d
e
t
a
r
t
a
T
@
A
5
2
=
oC
T
@
A
0
0
1
=
oC
I
R
0
.
5
0
5
2
A
m
)
2
e
t
o
N
(
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
t
m
u
m
i
x
a
M
R
θ L
J
R
θ A
J
7
1
5
5
o
W
/
C
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
n
o
i
t
c
n
u
j
g
n
i
t
a
r
e
p
OT
J
5
2
1
+
o
t
5
5
-
oC
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
5
-
oC
4
3
L
S
u
r
h
t
2
3
L
S
V
w
o
L
t
n
u
o
M
e
c
a
f
r
u
S
F
s
r
e
i
f
i
t
c
e
R
r
e
i
r
r
a
B
y
k
t
t
o
h
c
S
s
e
r
e
p
m
A
0
.
3
t
n
e
r
r
u
C
d
r
a
w
r
o
F
s
t
l
o
V
0
4
o
t
0
2
e
g
a
t
l
o
V
e
s
r
e
v
e
R


Similar Part No. - SL34

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SL34 PANJIT-SL34 Datasheet
55Kb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Transys Electronics
SL34 TRSYS-SL34 Datasheet
123Kb / 1P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Formosa MS
SL34 FORMOSA-SL34 Datasheet
68Kb / 2P
Silicon epitaxial planer type
logo
Guangdong Juxing Electr...
SL34 JUXING-SL34 Datasheet
1Mb / 3P
Surface Mount Low VF Schottky Rectifiers
logo
Microdiode Semiconducto...
SL34 CHENDA-SL34 Datasheet
443Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERl
More results

Similar Description - SL34

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SK32A GOOD-ARK-SK32A Datasheet
151Kb / 2P
Surface Mount Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 3.0 Amperes
SL12 GOOD-ARK-SL12 Datasheet
187Kb / 2P
Surface Mount Low VF Schottky Barrier Rectifiers Reverse Voltage 20 to 40 Volts Forward Current 1.0 Ampere
SL22 GOOD-ARK-SL22 Datasheet
179Kb / 2P
Surface Mount Low VF Schottky Barrier Rectifiers Reverse Voltage 20 to 40 Volts Forward Current 2.0 Amperes
SB320 GOOD-ARK-SB320_15 Datasheet
170Kb / 2P
Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 3.0 Amperes
SK2XA GOOD-ARK-SK2XA_15 Datasheet
156Kb / 2P
Surface Mount Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 2.0 Amperes
SK37 GOOD-ARK-SK37_15 Datasheet
155Kb / 2P
Surface Mount Schottky Barrier Rectifiers Reverse Voltage 70 to 100 Volts Forward Current 3.0 Amperes
SK32A GOOD-ARK-SK32A_15 Datasheet
152Kb / 2P
Surface Mount Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 3.0 Amperes
SK32 GOOD-ARK-SK32_15 Datasheet
157Kb / 2P
Surface Mount Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 3.0 Amperes
SK22 GOOD-ARK-SK22_15 Datasheet
157Kb / 2P
Surface Mount Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 2.0 Amperes
1N5820 GOOD-ARK-1N5820_15 Datasheet
183Kb / 2P
Schottky Barrier Rectifiers Reverse Voltage 20 to 40 Volts Forward Current 3.0 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com