Electronic Components Datasheet Search
  English  ▼

X  

ESRE Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ESRE
Description  Solid Polymer Aluminum SMT Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ESRE Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ESRE Datasheet HTML 1Page - List of Unclassifed Manufacturers ESRE Datasheet HTML 2Page - List of Unclassifed Manufacturers ESRE Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type ESRE Solid Polymer Aluminum SMT Capacitors
Specifications
Operating Temperature Range:
–55 °C to +105 °C, at 100% rated voltage
Surge Voltage:
125% of the rated working Vdc
Capacitance Range:
100 µF to 390 µF
Capacitance Tolerance:
±20% at 120 Hz and +20 °C
DC Leakage Current (DCL):
After a two minute application of the rated working
voltage at +20 °C:
2V — 4V: I ≤0.06CV
6.3V — 8V: I ≤0.04CV or 3 µA
(whichever greater)
Dissipation Factor (DF):
The ratio of the capacitor’s equivalent series
resistance to its reactance at 120Hz and +20 ºC
ESRE: DF is 0.10 Max.
Resistance to Soldering Heat:
Heat the capacitors at 235 ºC in an oven for 200
seconds. The capacitors will meet the following
limits after stabilizing at 20 ºC:
∆
C = ±10% of the initial measured value
DF ≤ the initial specified value
DCL ≤ the initial specified value
Moisture Resistance:
After 500 hours storage at +60 ºC and 90% to
95% RH without load, the capacitor will meet the
following limits:
∆
C = +70%/–20% of the initial
measured value (2.0 Vdc, 2.5 Vdc),
+60%/–20% of the initial
measured value (4.0 Vdc),
+50%/–20% of the initial
measured value (6.3 Vdc),
+40%/–20% of the initial
measured value (all other voltages)
DF ≤ two times the initial specified value
DCL ≤ the initial specified value
Life Test:
Apply rated DC working voltage at 105 ºC for 1000
hours, and then stabilize them to +20 ºC. Capacitors
will meet the following limits:
∆
C = ±10% of the initial measured value
DF ≤ the initial specified value
DCL ≤ the initial specified value
Shelf Life Test:
Shelf life is typically 5 to 10 years. Accelerated test:
after 500 hours at 105 ºC, capacitors will meet the
following limits after stabilization at 20 ºC:
∆
C = ±10% of the initial measured value
DF ≤ the initial specified value
DCL ≤ the initial specified value
Shear Test:
No damage shall be visible after subjecting a
mounted capacitor to a side force of 5 N for 10
seconds.
Vibration:
No abnormal change shall occur to capacitors that
have been soldered (and attached) to a board when
subjected to a vibration of 1.5 mm amplitude that
is varied from 10 Hz to 2000 Hz in 20 min. cycles.
The test duration is 2 hours for each right angle
direction (total 6 hours). Capacitance is monitored
during the last cycle of the test for stablilty.
For more information on this product please see the Solid Polymer Aluminum Capacitors Application Guide



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com