Electronic Components Datasheet Search
  English  ▼

X  

SS22A Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # SS22A
Description  Surface Mount Schottky Barrier Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

SS22A Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  SS22A Datasheet HTML 1Page - TAITRON Components Incorporated SS22A Datasheet HTML 2Page - TAITRON Components Incorporated SS22A Datasheet HTML 3Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev. A/JY 2006-11-02
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 3
Tel: (800)-247-2232
(800)-TAITRON
(661)-257-6060
Fax: (800)-TAITFA
(800)-824-8329
(661)-257-6415
SS22A – SS26A
SURFACE MOUNT SCHOTTKY
BARRIER RECTIFIER
Surface Mount Schottky Barrier Rectifier
Features
• Low Profile in SMA Package
• Low power loss, high efficiency
• Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
• For use in low voltage high frequency inverters, free
SMA
wheeling, and polarity protection applications
Mechanical Data
Maximum Ratings (TAmbient=25ºC unless noted otherwise)
Electrical Characteristics (TAmbient=25ºC unless noted otherwise)
NOTES:
(1) Pulse test: 300us pulse width, 1% duty cycle
(2) P.C.B. mounted with 0.2 x 0.2” (5.0 x 5.0mm) copper pad areas
Symbols
Description
SS22A
SS23A
SS24A
SS25A
SS26A
Unit
VRMS
Maximum RMS voltage
14
21
28
35
42
V
VRRM
Maximum repetitive peak reverse voltage
20
30
40
50
60
V
VDC
Maximum DC blocking voltage
20
30
40
50
60
V
I(AV)
Maximum average forward rectified current at TL
(SEE FIG.1)
2.0
A
IFSM
Peak forward surge current 8.3ms single half sine-
wave superimposed on rated load (JEDEC Method)
50.0
A
RθJA
RθJL
Maximum thermal resistance (NOTE 2)
75
17
˚C/W
˚C/W
TJ
Operating junction temperature range
-65 to +125
-65 to +150
° C
TSTG
Storage Temperature Range
-65 to +150
° C
Symbols
Description
SS22A
SS23A
SS24A
SS25A
SS26A
Unit
VF
Maximum instantaneous forward voltage at 2.0A
(NOTE 1)
0.50
0.70
V
IR
Maximum DC reverse current (NOTE 1) TA =25°C
at rated DC blocking voltage
TA =100°C
0.4
10.0
mA
Case:
SMA Package, Molded plastic body
Terminals:
Solder plated, solderable per MIL-STD-750, Method 2026
Polarity
Color band denotes the cathode end


Similar Part No. - SS22A

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
SS22A SSE-SS22A Datasheet
16Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Galaxy Semi-Conductor H...
SS22A BILIN-SS22A Datasheet
168Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
SS22A SEMTECH_ELEC-SS22A Datasheet
205Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
Schottky Rectifier
logo
Rugao Dachang Electroni...
SS22A DACHANG-SS22A Datasheet
116Kb / 2P
Surface Mount Schottky Barrier Rectifier Reverse Voltage 20 to 150 V Forward Current 2.0 A
More results

Similar Description - SS22A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com