Electronic Components Datasheet Search
  English  ▼

X  

ALO04F48N Datasheet(PDF) 2 Page - Astec America, Inc

Part # ALO04F48N
Description  AEO/ALO Single Output 8th Brick: Baseplate or Open-Frame Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALO04F48N Datasheet(HTML) 2 Page - Astec America, Inc

  ALO04F48N Datasheet HTML 1Page - Astec America, Inc ALO04F48N Datasheet HTML 2Page - Astec America, Inc ALO04F48N Datasheet HTML 3Page - Astec America, Inc ALO04F48N Datasheet HTML 4Page - Astec America, Inc ALO04F48N Datasheet HTML 5Page - Astec America, Inc ALO04F48N Datasheet HTML 6Page - Astec America, Inc ALO04F48N Datasheet HTML 7Page - Astec America, Inc ALO04F48N Datasheet HTML 8Page - Astec America, Inc ALO04F48N Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Technical Reference Notes
AEO_ALO04/12/20/25x48 Series
(Single Output 8th Brick)
MODEL: AEO_ALO04/12/20/25x48 SERIES
SHEET 2 OF 26
AUGUST 25, 2005 - REVISION G
Electrical Specifications
ABSOLUTE MAXIMUM RATINGS
Stresses in excess of the absolute maximum ratings can cause permanent damage to the converter. Functional
operation of the device is converter is not implied at these or any other conditions in excess of those given in the
operational section of the specs. Exposure to absolute maximum ratings for extended period can adversely affect
device reliability.
Parameter
Device
Symbol
Min
Typical
Max
Unit
Input Voltage
Continuous
Transient (100ms)
All
Vin
Vin trans
-0.3
-
-
-
75
100
Vdc
I/O Isolation
Input-to-Output
All
-
1500
-
-Vdc
Operating Temperature1
All
TA
-40
-
85
ºC
Storage Temperature
All
TSTG
-55
-
125
ºC
Operating Humidity
All
-
10
-
85
%
Max Voltage at Enable Pin
All
-0.6
-
25
Vdc
Max Output Power
B (12V0)
PO, MAX
--
48.0
W
A (5V0)
-
-
60.0
F (3V3)
-
-
66.0
G (2V5)
-
-
50.0
Y (1V8)
-
-
45.0
M (1V5)
-
-
37.5
K (1V2)
-
-
30.0
INPUT SPECIFICATIONS
Parameter
Device
Symbol
Min
Typical
Max
Unit
Operating Input Voltage Range
All
VIN
36
48
75
Vdc
Input Under-Voltage Lock-out
T_ON Threshold
T_OFF Threshold
All
33
31
34
32
36
34
Vdc
Max Input Current2
B (12V0)
A (5V0)
F (3V3)
G (2V5)
Y (1V8)
M (1V5)
K (1V2)
Iinmax
-
-
-
-
-
-
-
-
-
-
-
-
1.7
2.3
2.4
1.9
1.8
1.6
1.4
A
Standing Loss
Vin = Vinnom
B (12V0)
A (5V0)
F (3V3)
G (2V5)
Y (1V8)
M (1V5)
K (1V2)
-
-
-
-
-
-
-
-
-
-
-
-
-
-
5.75
4.00
4.00
4.00
3.00
2.50
2.00
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com