Electronic Components Datasheet Search
  English  ▼

X  

TF101 Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # TF101
Description  1.0A Fast Recovery Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TF101 Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  TF101 Datasheet HTML 1Page - TAITRON Components Incorporated TF101 Datasheet HTML 2Page - TAITRON Components Incorporated TF101 Datasheet HTML 3Page - TAITRON Components Incorporated TF101 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. B/AH 2008-04-29
TF101 – TF107
FR101 – FR107
1.0A Fast Recovery Rectifier
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel:
(800)-TAITRON (800)-824-8766 (661)-257-6060
Fax:
(800)-TAITFAX (800)-824-8329
(661)-257-6415
1.0A Fast Recovery Rectifier
Features
• Low forward voltage drop
• High current capability
• High reliability
• High surge current capability
• High temperature soldering guaranteed: 250°C/10 seconds
/.0375" (9.5mm) lead length, 5lbs (2.3kg) tension
• RoHS Compliance
Mechanical Data
Case:
DO-41, molded plastic
Epoxy:
UL 94V-0 rate flame retardant
Terminals:
Axial leads, solderable per MIL-STD-202, Method 208 guaranteed
Polarity:
Color band denotes cathode end
Weight:
0.34 gram
Maximum Ratings and Electrical Characteristics (T A=25ºC unless noted otherwise)
TF
101
TF
102
TF
103
TF
104
TF
105
TF
106
TF
107
Symbol
Description
FR
101
FR
102
FR
103
FR
104
FR
105
FR
106
FR
107
Unit
Conditions
VRRM
Maximum Repetitive
Peak Reverse Voltage
50
100
200
400
600
800
1000
V
VRMS
Maximum RMS Voltage
35
70
140
280
420
560
700
V
VDC
Maximum DC Blocking
Voltage
50
100
200
400
600
800
1000
V
IAV
Maximum Average
Forward Rectified
Current
1.0
A
Ta=55 ˚C
IFSM
Peak Forward Surge
Current
30
A
8.3ms single half
sine-wave
superimposed on
rated load (JEDEC
Method)
DO-41


Similar Part No. - TF101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TF101 ETC2-TF101 Datasheet
130Kb / 4P
1.0A Fast Recovery Rectifier
logo
ZIEHL industrie-elektro...
TF101 ZIEHL-TF101 Datasheet
460Kb / 4P
Pt100 Temperature Sensors Type TF101
logo
TAITRON Components Inco...
TF101G TAITRON-TF101G Datasheet
129Kb / 4P
1.0A Fast Recovery Rectifier
logo
ZIEHL industrie-elektro...
TF101G3 ZIEHL-TF101G3 Datasheet
460Kb / 4P
Pt100 Temperature Sensors Type TF101
TF101K ZIEHL-TF101K Datasheet
460Kb / 4P
Pt100 Temperature Sensors Type TF101
More results

Similar Description - TF101

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
BA157 WTE-BA157 Datasheet
48Kb / 3P
1.0A FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
1N4933 DIODES-1N4933 Datasheet
59Kb / 2P
1.0A FAST RECOVERY RECTIFIER
DS26002 Rev. E-2
FR106 DIODES-FR106 Datasheet
58Kb / 2P
1.0A FAST RECOVERY RECTIFIER
DS26001 Rev. D-3
PR1001 DIODES-PR1001 Datasheet
62Kb / 2P
1.0A FAST RECOVERY RECTIFIER
DS26008 Rev. A-2
1N4933 DIODES-1N4933_1 Datasheet
67Kb / 3P
1.0A FAST RECOVERY RECTIFIER
DS26002 Rev. 6 - 2
PR1001 DIODES-PR1001_2 Datasheet
78Kb / 3P
1.0A FAST RECOVERY RECTIFIER
DS26008 Rev. 4 - 2
logo
YENYO TECHNOLOGY Co., L...
RS1AF YENYO-RS1AF Datasheet
278Kb / 2P
1.0A Fast Recovery Rectifier
logo
Torex Semiconductor
XBF10A20S-G TOREX-XBF10A20S-G Datasheet
241Kb / 5P
1.0A Fast Recovery Rectifier
XBF10A40S-G TOREX-XBF10A40S-G Datasheet
241Kb / 5P
1.0A Fast Recovery Rectifier
XBF10A60S-G TOREX-XBF10A60S-G Datasheet
241Kb / 5P
1.0A Fast Recovery Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com