Electronic Components Datasheet Search
  English  ▼

X  

TF151G Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # TF151G
Description  1.5A Glass Passivated Fast Recovery Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TF151G Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  TF151G Datasheet HTML 1Page - TAITRON Components Incorporated TF151G Datasheet HTML 2Page - TAITRON Components Incorporated TF151G Datasheet HTML 3Page - TAITRON Components Incorporated TF151G Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. A/DX 2007-06-04
TF151G – TF157G
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel:
(800)-TAITRON (800)-824-8766 (661)-257-6060
Fax:
(800)-TAITFAX (800)-824-8329
(661)-257-6415
1.5A Glass Passivated
Fast Recovery Rectifier
1.5A Glass Passivated Fast Recovery Rectifier
Features
• Low forward voltage drop
• High current capability
• High reliability
• High surge current capability
• High temperature soldering guaranteed 250°C/10 seconds
/.0375" (9.5mm) lead length, 5lbs (2.3kg) tension
• RoHS Compliance
Mechanical Data
Case:
DO-15, molded plastic
Epoxy:
UL 94V-0 rate flame retardant
Terminals:
Axial leads, solderable per MIL-STD-202, Method 208 guaranteed
Polarity:
Color band denotes cathode end
Weight:
0.40 gram
Maximum Ratings and Electrical Characteristics (T A=25ºC unless noted otherwise)
Symbol
Description
TF
151G
TF
152G
TF
153G
TF
154G
TF
155G
TF
156G
TF
157G
Unit
Conditions
VRRM
Maximum Repetitive
Peak Reverse Voltage
50
100
200
400
600
800
1000
V
VRMS
Maximum RMS Voltage
35
70
140
280
420
560
700
V
VDC
Maximum DC Blocking
Voltage
50
100
200
400
600
800
1000
V
IAV
Maximum Average
Forward Rectified
Current
1.5
A
Ta=55 ˚C
IFSM
Peak Forward Surge
Current
60
A
8.3ms single half
sine-wave
superimposed on
rated load (JEDEC
method)
D0-15


Similar Part No. - TF151G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TF151 ETC2-TF151 Datasheet
130Kb / 4P
1.5A Fast Recovery Rectifier
logo
TAITRON Components Inco...
TF151 TAITRON-TF151 Datasheet
132Kb / 4P
1.5A Fast Recovery Rectifier
More results

Similar Description - TF151G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PR1501G DIODES-PR1501G Datasheet
62Kb / 2P
1.5A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27004 Rev. B-2
PR1501G DIODES-PR1501G_1 Datasheet
87Kb / 3P
1.5A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27004 Rev. 5 - 2
logo
TAITRON Components Inco...
UGP15A TAITRON-UGP15A Datasheet
190Kb / 4P
1.5A Sintered Glass Passivated Ultra Fast Recovery Rectifier
RGP15A TAITRON-RGP15A Datasheet
133Kb / 4P
1.5A Sintered Glass Passivated Fast Recovery Rectifier
logo
Frontier Electronics.
FR15-005G FRONTIER-FR15-005G Datasheet
126Kb / 2P
1.5A FAST RECOVERY GLASS PASSIVATED RECTIFIER
FR15-005G-LFR FRONTIER-FR15-005G-LFR Datasheet
126Kb / 2P
1.5A FAST RECOVERY GLASS PASSIVATED RECTIFIER
UF15-005G FRONTIER-UF15-005G Datasheet
128Kb / 2P
1.5A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
UF15-005G-LFR FRONTIER-UF15-005G-LFR Datasheet
128Kb / 2P
1.5A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
FR151G FRONTIER-FR151G Datasheet
983Kb / 2P
1.5A FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Taiwan Semiconductor Co...
FR151G-T TSC-FR151G-T Datasheet
410Kb / 6P
1.5A, 50V - 1000V Glass Passivated Fast Recovery Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com