Electronic Components Datasheet Search
  English  ▼

X  

TF601 Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # TF601
Description  6 Amp Fast Recovery Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TF601 Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  TF601 Datasheet HTML 1Page - TAITRON Components Incorporated TF601 Datasheet HTML 2Page - TAITRON Components Incorporated TF601 Datasheet HTML 3Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
6Amp Fast Recovery Rectifier
TF602~ TF607
Note: 1. Single phase half wave, 60 Hz, resistive or inductive load at Ta=55 ˚C
Derate current by 20% for capacitive load
2. Thermal resistance from junction to ambient at .375" (9.5mm) lead length, PCB mounted with
copper pad area of 0.6" x 0.6" (16x16mm).
Typical Characteristics Curves
Fig.2- Max. Non-Repetitive Forward Surge Current
Uni-directional only
Number of Cycles at 60Hz
Fig.1- Forward Current Derating Curve
Ambient Temperature Ta (°C)
Symbol
Description
TF
601
TF
602
TF
603
TF
604
TF
605
TF
606
TF
607
Unit
Conditions
VF
Maximum Forward
Voltage
1.2
V
IF at 3.0 A
10
TA=25° C, VR=100V
IR
Maximum DC
Reverse Current at
Rated DC Blocking
Voltage
200
µA
TA=100°
C,
VR=100V
Trr
Typical Reverse
Recovery Time
150
250
500
nS
IF=0.5A, IR=1A,
Irr=0.25A
CJ
Typical Junction
Capacitance
80
pf
VR=4V, f=1MHz
Rθ-JA
Maximum Thermal
Resistance
30
° C/W
Note 2
Rev. C/WW 2006-07-11
www.taitroncomponents.com
Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com