Electronic Components Datasheet Search
  English  ▼

X  

ALO20B48 Datasheet(PDF) 14 Page - Astec America, Inc

Part # ALO20B48
Description  AEO/ALO Single Output 8th Brick: Baseplate or Open-Frame Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALO20B48 Datasheet(HTML) 14 Page - Astec America, Inc

Back Button ALO20B48 Datasheet HTML 10Page - Astec America, Inc ALO20B48 Datasheet HTML 11Page - Astec America, Inc ALO20B48 Datasheet HTML 12Page - Astec America, Inc ALO20B48 Datasheet HTML 13Page - Astec America, Inc ALO20B48 Datasheet HTML 14Page - Astec America, Inc ALO20B48 Datasheet HTML 15Page - Astec America, Inc ALO20B48 Datasheet HTML 16Page - Astec America, Inc ALO20B48 Datasheet HTML 17Page - Astec America, Inc ALO20B48 Datasheet HTML 18Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Technical Reference Notes
AEO_ALO04/12/20/25x48 Series
(Single Output 8th Brick)
MODEL: AEO_ALO04/12/20/25x48 SERIES
SHEET 14 OF 26
AUGUST 25, 2005 - REVISION G
Performance Curves
3.3V @ 20A (continued)
Figure 25. Transient Response at TA = 25°C, 3.3VOUT
Deviation (Hi-Lo).
Figure 26. Transient Response at TA = 25°C, 3.3VOUT
Deviation (Lo-Hi).
Figure 27. Output Current vs. Temperature for open
frame version at VIN = 48Vdc, TA = 25°C.
Figure 28. Output Current vs. Temperature for baseplate
version at VIN = 48Vdc, TA = 25°C.
AEO20F48N @ 48 Vin
0
4
8
12
16
20
25
35
45
55
65
75
85
Am bient Tem perature (ºC)
0 LFM
100 LFM
200 LFM
300 LFM
400 LFM
ALO20F48N @ 48 Vin
0
4
8
12
16
20
25
35
45
55
65
75
85
Am bient Temperature (ºC)
0 LFM
100 LFM
200 LFM
300 LFM
400 LFM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com