Electronic Components Datasheet Search
  English  ▼

X  

381LR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 381LR
Description  105 째C Ultra-High-Ripple Snap-in
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

381LR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  381LR Datasheet HTML 1Page - List of Unclassifed Manufacturers 381LR Datasheet HTML 2Page - List of Unclassifed Manufacturers 381LR Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CDM Cornell Dubilier
• 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com
Type 381LR 105 °C Ultra-High-Ripple Snap-in
Specifications
Operating Temperature:
–40 °C to + 105 °C ≤ 315 Vdc
–25 °C to + 105 °C ≥ 350 Vdc
Rated Voltage:
200 to 450 Vdc
Capacitance:
56 µF to 2,200 µF ± 20%
Leakage Current:
≤3 √CV µA, 4 mA max, 5 minutes
Ripple Current Multipliers:
Ambient Temperature
Frequency
EIA Ripple Life:
10,000 h at 85 °C, full load per EIA IS-749
∆ Capacitance ±20%
ESR 200% of limit
DCL 100% of limit
Load LifeTest:
3000 h at full load at 105 °C
∆Capacitance 20%
ESR 200% of limit
DCL 100% of limit
Shelf Life:
1000 h at 105 °C
∆Capacitance 20%
ESR 200% of limit
DCL 100% of limit
Vibration:
10 to 55 Hz, 0.06" and 10 g max, 2 h each plane
Compared to standard 105 °C snap-ins like the Type 381L/LX
Type 381LR can handle an extra 25% ripple current or more. This
remarkable capability stems from advances in electrolyte that give
extremely low ESR values.In high ripple current applications like
motor drives you can save by using fewer capacitors.
Highlights
The right choice for motor drive bus capacitors
The right choice for UPS bus capacitors
Compare to Type 381L
Up to 2 times the ripple current
•
•
•
•
25% More Ripple Current Capability
45 ºC
60 ºC
70 ºC
85 ºC
105 ºC
2.35
2.20
2.00
1.70
1.00
50Hz
60 Hz
120 Hz 500 Hz 1 kHz 10 kHz
& up
0.75
0.80
1.00
1.20
1.25
1.40


Similar Part No. - 381LR

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
381LR CDE-381LR Datasheet
214Kb / 3P
Ultra-High-Ripple Snap-in More Ripple Current Capability
381LR CDE-381LR Datasheet
900Kb / 6P
Ultra-High Ripple Capabilities
381LR101M400H012 CDE-381LR101M400H012 Datasheet
900Kb / 6P
Ultra-High Ripple Capabilities
381LR101M400H022 CDE-381LR101M400H022 Datasheet
214Kb / 3P
Ultra-High-Ripple Snap-in More Ripple Current Capability
381LR101M400H022 CDE-381LR101M400H022 Datasheet
900Kb / 6P
Ultra-High Ripple Capabilities
More results

Similar Description - 381LR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
81DA VISHAY-81DA Datasheet
61Kb / 3P
Aluminum Capacitors 105 째C, Snap-in
16-Jul-04
logo
List of Unclassifed Man...
381LQ ETC-381LQ Datasheet
556Kb / 7P
105 C Compact, High-Ripple Snap-in
381EL271M160H012E ETC2-381EL271M160H012E Datasheet
372Kb / 5P
105 ?C Ultra-Long Life Snap-In, Aluminum
381LX472M010H012 ETC2-381LX472M010H012 Datasheet
409Kb / 10P
105 ?C High-Ripple Snap-In
logo
Cornell Dubilier Electr...
381L CDE-381L Datasheet
409Kb / 10P
High-Ripple Snap-In
381LR CDE-381LR Datasheet
214Kb / 3P
Ultra-High-Ripple Snap-in More Ripple Current Capability
SLP103M010A1P3 CDE-SLP103M010A1P3_1 Datasheet
483Kb / 8P
Type SLP 105 째C Snap-In Aluminum Electrolytic
logo
Vishay Siliconix
193PURSISOLAR VISHAY-193PURSISOLAR_15 Datasheet
88Kb / 4P
Aluminum Capacitors Power Ultra High Ripple Current Snap-In for Solar
13-Mar-15
logo
Cornell Dubilier Electr...
SLP331M250A3P3 CDE-SLP331M250A3P3 Datasheet
369Kb / 9P
Type SLP 105 째C Snap-In Aluminum Electrolytic
SLP472M035C1P3 CDE-SLP472M035C1P3 Datasheet
369Kb / 9P
Type SLP 105 째C Snap-In Aluminum Electrolytic
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com